Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC124S085 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC124S085
Description  DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC124S085 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button DAC124S085 Datasheet HTML 3Page - Texas Instruments DAC124S085 Datasheet HTML 4Page - Texas Instruments DAC124S085 Datasheet HTML 5Page - Texas Instruments DAC124S085 Datasheet HTML 6Page - Texas Instruments DAC124S085 Datasheet HTML 7Page - Texas Instruments DAC124S085 Datasheet HTML 8Page - Texas Instruments DAC124S085 Datasheet HTML 9Page - Texas Instruments DAC124S085 Datasheet HTML 10Page - Texas Instruments DAC124S085 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
DAC124S085
www.ti.com
SNAS348G – MAY 2006 – REVISED APRIL 2016
Product Folder Links: DAC124S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
TA = 25°C, VA = 2.7 V to 5.5 V, VREFIN = VA, CL = 200 pF to GND, fSCLK = 30 MHz, and input code range 48 to 4047 (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
PN
Normal supply power
fSCLK = 30 MHz,
output unloaded,
VA = 2.7 V to 3.6 V
TA = 25°C
1.1
mW
–40°C
≤ TA ≤ 105°C
1.7
fSCLK = 30 MHz,
output unloaded,
VA = 4.5 V to 5.5 V
TA = 25°C
2.4
mW
–40°C
≤ TA ≤ 105°C
3.6
fSCLK = 0 MHz,
output unloaded
VA = 2.7V to 3.6 V
1
mW
VA = 4.5 V to 5.5 V
2.2
mW
PPD
Power-down supply
power(2)
All PD modes, output
unloaded,
SYNC = DIN = 0 V
after PD mode loaded
VA = 2.7 V to 3.6 V
0.3
3.6
µW
VA = 4.5 V to 5.5 V
0.8
5.5
µW
(1)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are ensured to AOQL (Average Outgoing
Quality Level).
(2)
This parameter is ensured by design and/or characterization and is not tested in production.
7.6 Timing Requirements
TA = 25°C, VA = 2.7 V to 5.5 V, VREFIN = VA, CL = 200 pF to GND, fSCLK = 30 MHz, and input code range 48 to 4047 (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
fSCLK
SCLK frequency
TA = 25°C
40
MHz
–40°C
≤ TA ≤ 105°C
30
ts
Output voltage settling time(2)
400h to C00h
code change
RL = 2 kΩ, CL = 200 pF
TA = 25°C
6
µs
–40°C
≤ TA ≤ 105°C
8.5
SR
Output slew rate
1
V/µs
Glitch impulse
Code change from 800h to 7FFh
12
nV-sec
Digital feedthrough
0.5
nV-sec
Digital crosstalk
1
nV-sec
DAC-to-DAC crosstalk
3
nV-sec
Multiplying bandwidth
VREFIN = 2.5 V ± 0.1 Vpp
160
kHz
Total harmonic distortion
VREFIN = 2.5 V ± 0.1 Vpp
input frequency = 10 kHz
70
dB
tWU
Wake-up time
VA = VREF = 3 V
6
µs
VA = VREF = 5 V
39
µs
1/fSCLK
SCLK cycle time
TA = 25°C
25
ns
–40°C
≤ TA ≤ 105°C
33
tCH
SCLK high time
TA = 25°C
7
ns
–40°C
≤ TA ≤ 105°C
10
tCL
SCLK low time
TA = 25°C
7
ns
–40°C
≤ TA ≤ 105°C
10
tSS
SYNC set-up time
prior to SCLK falling edge
TA = 25°C
4
ns
–40°C
≤ TA ≤ 105°C
10
tDS
Data set-up time
prior to SCLK falling edge
TA = 25°C
1.5
ns
–40°C
≤ TA ≤ 105°C
3.5
tDH
Data hold time
after SCLK falling edge
TA = 25°C
1.5
ns
–40°C
≤ TA ≤ 105°C
3.5
tCFSR
SCLK fall
prior to rise of SYNC
TA = 25°C
0
ns
–40°C
≤ TA ≤ 105°C
3


Numéro de pièce similaire - DAC124S085

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085CIMM NSC-DAC124S085CIMM Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085CIMMX NSC-DAC124S085CIMMX Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results

Description similaire - DAC124S085

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
[Old version datasheet]   DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com