Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC101C081Q Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC101C081Q
Description  DAC101C08xx 10-Bit Micro Power Digital-to-Analog Converter With an I2C-Compatible Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC101C081Q Fiches technique(HTML) 6 Page - Texas Instruments

Back Button DAC101C081Q Datasheet HTML 2Page - Texas Instruments DAC101C081Q Datasheet HTML 3Page - Texas Instruments DAC101C081Q Datasheet HTML 4Page - Texas Instruments DAC101C081Q Datasheet HTML 5Page - Texas Instruments DAC101C081Q Datasheet HTML 6Page - Texas Instruments DAC101C081Q Datasheet HTML 7Page - Texas Instruments DAC101C081Q Datasheet HTML 8Page - Texas Instruments DAC101C081Q Datasheet HTML 9Page - Texas Instruments DAC101C081Q Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
DAC101C081, DAC101C081Q, DAC101C085
SNVS801B – APRIL 2012 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: DAC101C081 DAC101C081Q DAC101C085
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
All voltages are measured with respect to GND = 0 V, unless otherwise specified.
(2)
The inputs are protected as shown below. Input voltage magnitudes up to 5.5 V, regardless of VA, will not cause errors in the conversion
result. For example, if VA is 3 V, the digital input pins can be driven with a 5 V logic device.
(3)
To ensure accuracy, it is required that VA and VREF be well bypassed.
8.3 Recommended Operating Conditions
See
(1)
MIN
NOM
MAX
UNIT
Operating temperature range
−40
TA
125
°C
Supply voltage, VA
2.7
5.5
V
Reference voltage, VREFIN
1
VA
V
Digital input voltage(2)(3)
0
5.5
V
Output load
0
1500
pF
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Soldering process must comply with Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.
(3)
Reflow temperature profiles are different for lead-free packages.
8.4 Thermal Information
THERMAL METRIC(1)(2)(3)
DAC101C081
DAC101C081,
DAC101C081Q
DAC101C085
UNIT
DDC (SOT)
NGF (WSON)
DGK (VSSOP)
6 PINS
6 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
250
190
240
°C/W
(1)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are specified to AOQL (Average Outgoing
Quality Level).
(2)
This parameter is ensured by design and/or characterization and is not tested in production.
8.5 Electrical Characteristics
The following specifications apply for VA = 2.7 V to 5.5 V, VREF = VA, CL = 200 pF to GND, input code range 12 to 1011. All
Maximum and Minimum limits apply for TMIN ≤ TA ≤ TMAX and all Typical limits are at TA = 25°C (unless otherwise specified).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(1)
UNIT
STATIC PERFORMANCE
Resolution
10
Bits
Monotonicity
10
Bits
INL
Integral non-linearity
+0.6
+2
LSB
−2
−0.4
LSB
DNL
Differential non-linearity
+0.12
+0.3
LSB
−0.2
−0.04
LSB
ZE
Zero code error
IOUT = 0
+1.1
+10
mV
FSE
Full-scale error
IOUT = 0
−0.1
−0.7
%FSR
GE
Gain error
All ones loaded to DAC register
−0.2
−0.7
%FSR
ZCED
Zero code error drift
−20
µV/°C
TC GE
Gain error tempco
VA = 3 V
−0.7
ppm
FSR/°C
VA = 5 V
−1
ppm
FSR/°C
ANALOG OUTPUT CHARACTERISTICS (VOUT)
Output voltage range(2)
DAC101C085
0
VREF
V
DAC101C081
0
VA
V
ZCO
Zero code output
VA = 3 V, IOUT = 200 µA
1.3
mV
VA = 5 V, IOUT = 200 µA
7.0
mV
FSO
Full scale output
VA = 3 V, IOUT = 200 µA
2.984
V
VA = 5 V, IOUT = 200 µA
4.989
V


Numéro de pièce similaire - DAC101C081Q

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC101C081Q TI-DAC101C081Q Datasheet
1Mb / 36P
[Old version datasheet]   DAC101C081/DAC101C081Q/DAC101C085 10-Bit Micro Power Digital-to-Analog Converter with an I2C??Compatible Interface
More results

Description similaire - DAC101C081Q

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC101C081CIMK NSC-DAC101C081CIMK Datasheet
661Kb / 24P
   10-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081 Datasheet
681Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC081C081 NSC-DAC081C081_08 Datasheet
641Kb / 24P
   8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081_08 Datasheet
683Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
DAC101C085CIMM TI-DAC101C085CIMM Datasheet
1Mb / 36P
[Old version datasheet]   DAC101C081/DAC101C081Q/DAC101C085 10-Bit Micro Power Digital-to-Analog Converter with an I2C??Compatible Interface
ADC101C021 TI1-ADC101C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
[Old version datasheet]   LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
[Old version datasheet]   LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
DAC6573 TI-DAC6573 Datasheet
623Kb / 31P
[Old version datasheet]   QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com