Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC38J84IAAV Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC38J84IAAV
Description  Digital-to-Analog Converters
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38J84IAAV Fiches technique(HTML) 10 Page - Texas Instruments

Back Button DAC38J84IAAV Datasheet HTML 6Page - Texas Instruments DAC38J84IAAV Datasheet HTML 7Page - Texas Instruments DAC38J84IAAV Datasheet HTML 8Page - Texas Instruments DAC38J84IAAV Datasheet HTML 9Page - Texas Instruments DAC38J84IAAV Datasheet HTML 10Page - Texas Instruments DAC38J84IAAV Datasheet HTML 11Page - Texas Instruments DAC38J84IAAV Datasheet HTML 12Page - Texas Instruments DAC38J84IAAV Datasheet HTML 13Page - Texas Instruments DAC38J84IAAV Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 122 page
background image
DAC37J84, DAC38J84
SLASE17B – JANUARY 2014 – REVISED MARCH 2014
www.ti.com
DC Electrical Characteristics (continued)
Typical values at TA = 25°C, full temperature range is TMIN = -40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
DAC37J84
DAC38J84
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
I(VDDADAC33)
Analog supply current
114
114
MODE 6:
I(VDDDIG09)
Digital supply current
373
373
fDAC=1000MSPS, 2x
I(VDDDAC09)
DAC supply current
12
12
interpolation,
I(VDDCLK09)
Clock supply current
37
37
mA
NCO off, QMC off, invsinc off,
GDC off, PAP off, PLL on,
I(VDDT09)
SerDes core supply current
151
151
LMF=442, SerDes rate =
I(VDDR18)
SerDes analog supply current
15
15
10Gbps,
I(VDD18)
Other 1.8V supply current
56
56
20mA FS output, IF=150MHz.
P
Power Dissipation
1020
1020
mW
I(VDDADAC33)
Analog supply current
114
114
MODE 7:
I(VDDDIG09)
Digital supply current
372
372
fDAC=1000MSPS, 2x
I(VDDDAC09)
DAC supply current
12
12
interpolation,
I(VDDCLK09)
Clock supply current
35
35
mA
NCO off, QMC off invsinc off,
GDC off,
I(VDDT09)
SerDes core supply current
151
151
PAP off, PLL off, LMF=442,
I(VDDR18)
SerDes analog supply current
15
15
SerDes rate = 10Gbps,
I(VDD18)
Other 1.8V supply current
35
35
20mA FS output, IF=150MHz.
P
Power Dissipation
979
979
mW
I(VDDADAC33)
Analog supply current
114
114
MODE 8:
I(VDDDIG09)
Digital supply current
247
247
fDAC=625MSPS, 2x
I(VDDDAC09)
DAC supply current
5
5
interpolation,
I(VDDCLK09)
Clock supply current
22
22
mA
NCO off, QMC off, invsinc off,
GDC off,
I(VDDT09)
SerDes core supply current
228
228
PAP off, PLL off, LMF=841,
I(VDDR18)
SerDes analog supply current
21
21
SerDes rate = 3.125Gbps,
I(VDD18)
Other 1.8V supply current
26
26
20mA FS output, IF=20MHz.
P
Power Dissipation
913
913
mW
I(VDDADAC33)
Analog supply current
114
114
MODE 9:
I(VDDDIG09)
Digital supply current
477
477
fDAC=1.23GSPS, no
I(VDDDAC09)
DAC supply current
12
12
interpolation,
I(VDDCLK09)
Clock supply current
44
44
mA
NCO off, QMC off, invsinc off,
GDC off,
I(VDDT09)
SerDes core supply current
322
322
PAP off, PLL off, LMF=841,
I(VDDR18)
SerDes analog supply current
39
39
SerDes rate = 12.3Gbps,
I(VDD18)
Other 1.8V supply current
36
36
20mA FS output, IF=150MHz;
P
Power Dissipation
1281
1281
mW
I(VDDADAC33)
Analog supply current
5
5
I(VDDDIG09)
Digital supply current
75
75
I(VDDDAC09)
DAC supply current
1
1
MODE 10:
I(VDDCLK09)
Clock supply current
1
1
mA
Power down mode, no clock,
DAC in sleep mode,
I(VDDT09)
SerDes core supply current
9
9
SerDes in sleep mode
I(VDDR18)
SerDes analog supply current
0
0
I(VDD18)
Other 1.8V supply current
10
10
P
Power Dissipation
112
112
mW
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: DAC37J84 DAC38J84


Numéro de pièce similaire - DAC38J84IAAV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC38J82 TI-DAC38J82 Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC38J82 TI1-DAC38J82 Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
DAC38J82IAAV TI-DAC38J82IAAV Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC38J82IAAV TI1-DAC38J82IAAV Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
DAC38J82IAAVR TI-DAC38J82IAAVR Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
More results

Description similaire - DAC38J84IAAV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADS822 TI1-ADS822_15 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HP16BME-1 DATEL-DAC-HP16BME-1 Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com