Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74GTLPH1645GQLR Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce SN74GTLPH1645GQLR
Description  16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTLPH1645GQLR Fiches technique(HTML) 4 Page - Texas Instruments

  SN74GTLPH1645GQLR Datasheet HTML 1Page - Texas Instruments SN74GTLPH1645GQLR Datasheet HTML 2Page - Texas Instruments SN74GTLPH1645GQLR Datasheet HTML 3Page - Texas Instruments SN74GTLPH1645GQLR Datasheet HTML 4Page - Texas Instruments SN74GTLPH1645GQLR Datasheet HTML 5Page - Texas Instruments SN74GTLPH1645GQLR Datasheet HTML 6Page - Texas Instruments SN74GTLPH1645GQLR Datasheet HTML 7Page - Texas Instruments SN74GTLPH1645GQLR Datasheet HTML 8Page - Texas Instruments SN74GTLPH1645GQLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
FUNCTIONAL DESCRIPTION
SN74GTLPH1645
16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SCES290D – OCTOBER 1999 – REVISED JUNE 2005
The SN74GTLPH1645 is a high-drive (100-mA), 16-bit bus transceiver partitioned as two 8-bit segments and is
designed for asynchronous communication between data buses. The device transmits data from the A port to the
B port or from the B port to the A port, depending on the logic level at the direction-control (DIR) input. OE can
be used to disable the device so the buses are effectively isolated. Data polarity is noninverting.
For A-to-B data flow, when OE is low and DIR is high, the B outputs take on the logic value of the A inputs.
When OE is high, the outputs are in the high-impedance state.
The data flow for B to A is similar to A to B, except OE and DIR are low.
FUNCTION TABLES
<br/>
OUTPUT CONTROL
INPUTS
OUTPUT
MODE
OE
DIR
H
X
Z
Isolation
L
L
B data to A port
True transparent
L
H
A data to B port
B-PORT EDGE-RATE CONTROL (ERC)
INPUT ERC
OUTPUT
B-PORT
LOGIC
NOMINAL
EDGE RATE
LEVEL
VOLTAGE
L
GND
Slow
H
VCC
Fast
4


Numéro de pièce similaire - SN74GTLPH1645GQLR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74GTLPH1645GQLR TI-SN74GTLPH1645GQLR Datasheet
259Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
More results

Description similaire - SN74GTLPH1645GQLR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74GTLPH1645 TI-SN74GTLPH1645 Datasheet
259Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SN74GTLPH1655 TI-SN74GTLPH1655 Datasheet
173Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
SN74GTLPH3245 TI1-SN74GTLPH3245 Datasheet
435Kb / 19P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SN74GTLPH1612 TI-SN74GTLPH1612 Datasheet
157Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLP1395PWRG4 TI1-SN74GTLP1395PWRG4 Datasheet
917Kb / 24P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS
logo
Fairchild Semiconductor
GTLP16T1655 FAIRCHILD-GTLP16T1655 Datasheet
107Kb / 14P
   16-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH1616 TI1-SN74GTLPH1616 Datasheet
351Kb / 18P
[Old version datasheet]   17-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306 TI1-SN74GTLPH306_15 Datasheet
589Kb / 17P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com