Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74CB3T1G125DCKRG4 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce 74CB3T1G125DCKRG4
Description  SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74CB3T1G125DCKRG4 Fiches technique(HTML) 5 Page - Texas Instruments

  74CB3T1G125DCKRG4 Datasheet HTML 1Page - Texas Instruments 74CB3T1G125DCKRG4 Datasheet HTML 2Page - Texas Instruments 74CB3T1G125DCKRG4 Datasheet HTML 3Page - Texas Instruments 74CB3T1G125DCKRG4 Datasheet HTML 4Page - Texas Instruments 74CB3T1G125DCKRG4 Datasheet HTML 5Page - Texas Instruments 74CB3T1G125DCKRG4 Datasheet HTML 6Page - Texas Instruments 74CB3T1G125DCKRG4 Datasheet HTML 7Page - Texas Instruments 74CB3T1G125DCKRG4 Datasheet HTML 8Page - Texas Instruments 74CB3T1G125DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
InputGenerator
InputGenerator
DUT
V
CC
V
IN
V
G1
V
G2
V
I
TESTCIRCUIT
50 W
50 W
Output
Waveform1
S1at2x
(seeNoteB)
V
CC
Output
Waveform2
S1atOpen
(seeNoteB)
V
OL
V
OH
0V
0V
Output
Control
(V )
IN
V /2
CC
V /2
CC
2.5V
0.2V
±
3.3V
0.3V
±
t
pd(s)
t
/t
PLZ
PZL
t
/t
PHZ
PZH
2.5V
0.2V
±
3.3V
0.3V
±
2.5V
0.2V
±
3.3V
0.3V
±
500 W
3.6VorGND
5.5VorGND
Open
GND
GND
3.6V
5.5V
Open
Open
Open
2xV
CC
2xV
CC
500 W
500 W
500 W
500 W
500 W
V
CC
TEST
R
L
V
I
C
L
30pF
30pF
30pF
50pF
50pF
50pF
0.15V
0.15V
0.15V
0.15V
V
D
S1
V
O
C
(seeNote A)
L
S1
2xV
CC
Open
GND
R
L
R
L
50 W
50 W
VOLTAGEWAVEFORMS
ENABLE ANDDISABLETIMES
VOLTAGEWAVEFORMS
PROPAGATIONDELAY TIMES(t
)
pd(s)
NOTES: A. C includesprobeandjigcapacitance.
B. Waveform1isforanoutputwithinternalconditionssuchthattheoutputislow,exceptwhendisabledbytheoutputcontrol.
Waveform2isforanoutputwithinternalconditionssuchthattheoutputishigh,exceptwhendisabledbytheoutputcontrol.
C. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR
10MHz,Z =50
,t
D. Theoutputsaremeasuredoneatatime,withonetransitionpermeasurement.
E.
F. t
andt
arethesameast .
G. t
andt
arethesameast
. ThetpdpropagationdelayisthecalculatedRCtimeconstantofthetypicalON-state
resistanceoftheswitchndthespecifiedloadcapacitance,whendrivenbyanidealvoltagesource(zerooutputimpedance).
H. Allparametersandwaveformsarenotapplicabletoalldevices.
L
O
r
PZL
PZH
en
PLH
PHL
pd(s)
£
W
£ 2.5
£
.
ns,
t
2.5ns
t
andt
arethesameast .
t
PLZ
PHZ
dis
V
CC
V /2
CC
V /2
CC
V
CC
t
PZL
t
PLZ
t
PHZ
t
PZH
V
– V
OH
D
V
+V
OL
D
0V
Output
Control
(V )
IN
Output
V /2
CC
V /2
CC
V
OL
V
CC
V
OH
V /2
CC
V /2
CC
t
PLH
t
PHL
SN74CB3T1G125
SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE SWITCH
WITH 5-V-TOLERANT LEVEL SHIFTER
SCDS150A – OCTOBER 2003 – REVISED SEPTEMBER 2006
Figure 2. Test Circuit and Voltage Waveforms
5
Submit Documentation Feedback


Numéro de pièce similaire - 74CB3T1G125DCKRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74CB3T16210DGGRE4 TI-74CB3T16210DGGRE4 Datasheet
200Kb / 14P
[Old version datasheet]   2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
74CB3T16210DGGRG4 TI1-74CB3T16210DGGRG4 Datasheet
767Kb / 18P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
74CB3T16210DGVRE4 TI-74CB3T16210DGVRE4 Datasheet
200Kb / 14P
[Old version datasheet]   2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
74CB3T16211DGGRE4 TI-74CB3T16211DGGRE4 Datasheet
165Kb / 11P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
74CB3T16211DGGRE4 TI-74CB3T16211DGGRE4 Datasheet
339Kb / 14P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
More results

Description similaire - 74CB3T1G125DCKRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CB3T1G125-Q1 TI1-SN74CB3T1G125-Q1 Datasheet
554Kb / 13P
[Old version datasheet]   SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T1G125 TI-SN74CB3T1G125 Datasheet
193Kb / 12P
[Old version datasheet]   SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3125 TI1-SN74CB3T3125_15 Datasheet
727Kb / 20P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3306 TI1-SN74CB3T3306 Datasheet
606Kb / 15P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T16210 TI-SN74CB3T16210 Datasheet
200Kb / 14P
[Old version datasheet]   2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16210 TI1-SN74CB3T16210_16 Datasheet
767Kb / 18P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16210-Q1 TI1-SN74CB3T16210-Q1 Datasheet
453Kb / 14P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3384 TI1-SN74CB3T3384_15 Datasheet
924Kb / 19P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211_08 Datasheet
339Kb / 14P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211 Datasheet
165Kb / 11P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com