Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC1022 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce DAC1022
Description  10-Bit Binary Multiplying D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1022 Fiches technique(HTML) 2 Page - Texas Instruments

  DAC1022 Datasheet HTML 1Page - Texas Instruments DAC1022 Datasheet HTML 2Page - Texas Instruments DAC1022 Datasheet HTML 3Page - Texas Instruments DAC1022 Datasheet HTML 4Page - Texas Instruments DAC1022 Datasheet HTML 5Page - Texas Instruments DAC1022 Datasheet HTML 6Page - Texas Instruments DAC1022 Datasheet HTML 7Page - Texas Instruments DAC1022 Datasheet HTML 8Page - Texas Instruments DAC1022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TLH5689
May 1996
DAC1020DAC1021DAC1022
10-Bit Binary Multiplying DA Converter
DAC1220DAC1222
12-Bit Binary Multiplying DA Converter
General Description
The DAC1020 and the DAC1220 are respectively 10 and
12-bit binary multiplying digital-to-analog converters A de-
posited thin film R-2R resistor ladder divides the reference
current and provides the circuit with excellent temperature
tracking characteristics (00002% C linearity error temper-
ature coefficient maximum) The circuit uses CMOS current
switches and drive circuitry to achieve low power consump-
tion (30 mW max) and low output leakages (200 nA max)
The digital inputs are compatible with DTLTTL logic levels
as well as full CMOS logic level swings This part combined
with an external amplifier and voltage reference can be
used as a standard DA converter however it is also very
attractive for multiplying applications (such as digitally con-
trolled gain blocks) since its linearity error is essentially in-
dependent of the voltage reference All inputs are protected
from damage due to static discharge by diode clamps to Va
and ground
This part is available with 10-bit (005%) 9-bit (010%) and
8-bit (020%) non-linearity guaranteed over temperature
(note 1 of electrical characteristics)
The DAC1020
DAC1021 and DAC1022 are direct replacements for the 10-
bit resolution AD7520 and AD7530 and equivalent to the
AD7533 family The DAC1220 and DAC1222 are direct re-
placements for the 12-bit resolution AD7521 and AD7531
family
Features
Y
Linearity specified with zero and full-scale adjust only
Y
Non-linearity guaranteed over temperature
Y
Integrated thin film on CMOS structure
Y
10-bit or 12-bit resolution
Y
Low power dissipation 10 mW
15V typ
Y
Accepts variable or fixed reference b25VsVREFs25V
Y
4-quadrant multiplying capability
Y
Interfaces directly with DTL TTL and CMOS
Y
Fast settling time500 ns typ
Y
Low feedthrough error
LSB
100 kHz typ
Equivalent Circuit
Note Switches shown in digital high state
TLH5689 – 1
10-BIT DA CONVERTERS
Ordering Information
Temperature Range
0 Cto70 C
b
40 Cto85 C
Non-
005%
DAC1020LCN
AD7520LNAD7530LN
DAC1020LCV
DAC1020LIV
Linearity
010%
DAC1021LCN
AD7520KNAD7530KN
020%
DAC1022LCN
AD7520JNAD7530JN
Package Outline
N16A
V20A
12-BIT DA CONVERTERS
Temperature Range
0 Cto70 C
b
40 Cto a85 C
Linearity
Non-
005%
DAC1220LCN
AD7521LNAD7531LN
DAC1220LCJ
AD7521LDAD7531LD
020%
DAC1222LCN
AD7521JNAD7531JN
DAC1222LCJ
AD7521JDAD7531JD
Package Outline
N18A
J18A
Note
Devices may be ordered by either part number
C1996 National Semiconductor Corporation
RRD-B30M96Printed in U S A
http
www nationalcom


Numéro de pièce similaire - DAC1022

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC1022 NSC-DAC1022 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
DAC1022LCN NSC-DAC1022LCN Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
More results

Description similaire - DAC1022

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
DAC1218 NSC-DAC1218 Datasheet
227Kb / 12P
   12-Bit Binary Multiplying D/A Converter
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
268Kb / 8P
   10-Bit Multiplying D/A Converter
logo
Renesas Technology Corp
AD7533 RENESAS-AD7533 Datasheet
535Kb / 8P
   10-Bit Multiplying D/A Converter
June 2004
logo
Analog Devices
AD7522 AD-AD7522_15 Datasheet
2Mb / 6P
   CMOS 10 BIT SUFFERED MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
MC3410 PHILIPS-MC3410 Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
NE5410 PHILIPS-NE5410 Datasheet
104Kb / 9P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
logo
Maxim Integrated Produc...
MX7533 MAXIM-MX7533 Datasheet
429Kb / 8P
   CMOS Low Cost 10 Bit Multiplying D/A Converter
Rev 1a; 7/95
logo
NXP Semiconductors
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com