Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM26LS32AIDG4 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM26LS32AIDG4
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM26LS32AIDG4 Fiches technique(HTML) 3 Page - Texas Instruments

  AM26LS32AIDG4 Datasheet HTML 1Page - Texas Instruments AM26LS32AIDG4 Datasheet HTML 2Page - Texas Instruments AM26LS32AIDG4 Datasheet HTML 3Page - Texas Instruments AM26LS32AIDG4 Datasheet HTML 4Page - Texas Instruments AM26LS32AIDG4 Datasheet HTML 5Page - Texas Instruments AM26LS32AIDG4 Datasheet HTML 6Page - Texas Instruments AM26LS32AIDG4 Datasheet HTML 7Page - Texas Instruments AM26LS32AIDG4 Datasheet HTML 8Page - Texas Instruments AM26LS32AIDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
www.ti.com
100k
100k
8.3k
85
20k
960
960
ABSOLUTE MAXIMUM RATINGS
(1)
AM26LS32AC
,, AM26LS32AI,, AM26LS33AC
AM26LS32AM, AM26LS33AM
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS115E – OCTOBER 1980 – REVISED OCTOBER 2007
SCHEMATICS OF INPUTS AND OUTPUTS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage(2)
7
V
Any differential input
±25
VI
Input voltage
V
Other inputs
7
VID
Differential input voltage(3)
±25
V
Continuous total power dissipation
See Dissipation Ratings Table
D package
73
N package
67
θJA
Package thermal impedance(4)
°C/W
NS package
64
PW package
108
TC
Case temperature for 60 seconds
FK package
260
°C
Lead temperature 1.6 mm (1/16 inch) from case for 10
D or N package
260
°C
seconds
Lead temperature 1.6 mm (1/16 inch) from case for 60
J package
300
°C
seconds
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to the network ground terminal.
(3)
Differential voltage values are at the noninverting (A) input terminals with respect to the inverting (B) input terminals.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
Copyright © 1980–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): AM26LS32AC AM26LS32AI AM26LS33AC AM26LS32AM AM26LS33AM


Numéro de pièce similaire - AM26LS32AIDG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM26LS32AIDG4 TI-AM26LS32AIDG4 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AIDG4 TI-AM26LS32AIDG4 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AIDG4 TI-AM26LS32AIDG4 Datasheet
1,006Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AIDG4 TI-AM26LS32AIDG4 Datasheet
1Mb / 36P
[Old version datasheet]   AM26LS32Ax, AM26LS33Ax Quadruple Differential Line Receivers
REVISED SEPTEMBER 2016
More results

Description similaire - AM26LS32AIDG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI1-SN55173_15 Datasheet
791Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175_06 Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175 Datasheet
152Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI1-SN55ALS195_14 Datasheet
415Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com