Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM3505AZCNC Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM3505AZCNC
Description  AM3517, AM3505 Sitara??Processors
Download  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM3505AZCNC Fiches technique(HTML) 4 Page - Texas Instruments

  AM3505AZCNC Datasheet HTML 1Page - Texas Instruments AM3505AZCNC Datasheet HTML 2Page - Texas Instruments AM3505AZCNC Datasheet HTML 3Page - Texas Instruments AM3505AZCNC Datasheet HTML 4Page - Texas Instruments AM3505AZCNC Datasheet HTML 5Page - Texas Instruments AM3505AZCNC Datasheet HTML 6Page - Texas Instruments AM3505AZCNC Datasheet HTML 7Page - Texas Instruments AM3505AZCNC Datasheet HTML 8Page - Texas Instruments AM3505AZCNC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 223 page
background image
64
64
Async
64
64
L2$
256K
MPU
Subsystem
ARM Cortex-
A8
TM Core
16K/16K L1$
POWERVR
SGX
Graphics
Accelerator
(
only)
TM
AM3517
32
32
32
Channel
System
DMA
32
32
Analog
DAC
LCD Panel
CVBS
or
S-Video
Dual Output 3-Layer
Display Processor
(1xGraphics, 2xVideo)
Temporal Dithering
SDTV → QCIF Support
32
HS/FS/
LS
USB
Host
32
L3 Interconnect Network-Hierarchial, Performance, and Power Driven
64K
On-Chip
RAM
32
132K
On-Chip
BOOT
ROM
SMS:
SDRAM
Memory
Scheduler/
Rotation
64
EMIF
Controller
L4 Interconnect
32
System
Controls
PRCM
External
Peripherals
Interfaces
Peripherals:
4xUART, 3xHigh-Speed I2C,
5xMcBSP
(2x with Sidetone/Audio Buffer)
4xMcSPI, 186xGPIO,
3xHigh-Speed MMC/SDIO,
HDQ/1 Wire,
12xGPTimers, 1xWDT,
32K Sync Timer
GPMC:
General
Purpose
Memory
Controller
32
Emulation
Debug: ETM, JTAG
External
DDR2/
mDDR
32
SPRS550-006
Parallel
HECC
EMAC
VPFE
USB PHY
USB OTG
Controller
DDR PHY
NAND/NOR/
FLASH,
SRAM
USB transceivers /
device ports [3]
AM3517, AM3505
SPRS550F – OCTOBER 2009 – REVISED JULY 2014
www.ti.com
1.4
Functional Block Diagram
Figure 1-1 shows the functional block diagram of the AM3517/05 Sitara ARM microprocessor.
Figure 1-1. AM3517/05 Functional Block Diagram
4
Device Summary
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3517 AM3505


Numéro de pièce similaire - AM3505AZCNC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM3505 TI-AM3505 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM3505 TI-AM3505_15 Datasheet
1Mb / 223P
[Old version datasheet]   AM3517, AM3505 Sitara??Processors
More results

Description similaire - AM3505AZCNC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM3505 TI-AM3505_15 Datasheet
1Mb / 223P
[Old version datasheet]   AM3517, AM3505 Sitara??Processors
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com