Moteur de recherche de fiches techniques de composants électroniques |
|
AM1806EZCE3 Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
AM1806EZCE3 Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 245 page AM1806 www.ti.com SPRS658F – FEBRUARY 2010 – REVISED MARCH 2014 3 Device Overview 3.1 Device Characteristics Table 3-1 provides an overview of the device. The table shows significant features of the device, including the capacity of on-chip RAM, peripherals, and the package type with pin count. Table 3-1. Characteristics of the Device HARDWARE FEATURES AM1806 DDR2, 16-bit bus width, up to 156 MHz DDR2/mDDR Controller Mobile DDR, 16-bit bus width, up to 150 MHz Asynchronous (8/16-bit bus width) RAM, Flash, EMIFA 16-bit SDRAM, NOR, NAND Flash Card Interface MMC and SD cards supported 64 independent channels, 16 QDMA channels, EDMA3 2 channel controllers, 3 transfer controllers 4 64-Bit General Purpose (each configurable as 2 separate Timers 32-bit timers, one configurable as Watch Dog) UART 3 (each with RTS and CTS flow control) Peripherals SPI 2 (Each with one hardware chip select) Not all peripherals pins are available at the I2C 2 (both Master/Slave) same time (for more Multichannel Audio Serial Port [McASP] 1 (each with transmit/receive, FIFO buffer, 16 serializers) detail, see the Device Configurations section). Multichannel Buffered Serial Port [McBSP] 2 (each with transmit/receive, FIFO buffer, 16) 4 Single Edge, 4 Dual Edge Symmetric, or eHRPWM 2 Dual Edge Asymmetric Outputs USB 2.0 (USB0) High-Speed OTG Controller with on-chip OTG PHY General-Purpose Input/Output Port 9 banks of 16-bit LCD Controller 1 Universal Parallel Port (uPP) 1 Video Port Interface (VPIF) 1 (video in and video out) PRU Subsystem (PRUSS) 2 Programmable PRU Cores Size (Bytes) 168KB RAM ARM 16KB I-Cache 16KB D-Cache On-Chip Memory Organization 8KB RAM (Vector Table) 64KB ROM ADDITIONAL MEMORY 128KB RAM JTAG BSDL_ID DEVIDR0 Register 0x0B7D_102F CPU Frequency MHz ARM926 375 MHz (1.2V) or 456 MHz (1.3V) 1.2 V nominal for 375 MHz version Core (V) 1.3 V nominal for 456 MHz version Voltage I/O (V) 1.8V or 3.3 V 13 mm x 13 mm, 361-Ball 0.65 mm pitch, PBGA (ZCE) Packages 16 mm x 16 mm, 361-Ball 0.80 mm pitch, PBGA (ZWT) Product Preview (PP), 375 MHz versions - PD Product Status(1) Advance Information (AI), 456 MHz versions - PD or Production Data (PD) (1) PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Copyright © 2010–2014, Texas Instruments Incorporated Device Overview 7 Submit Documentation Feedback Product Folder Links: AM1806 |
Numéro de pièce similaire - AM1806EZCE3 |
|
Description similaire - AM1806EZCE3 |