Moteur de recherche de fiches techniques de composants électroniques |
|
74FCT16823CTPVCG4 Fiches technique(PDF) 2 Page - Texas Instruments |
|
74FCT16823CTPVCG4 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 16 page CY74FCT16823T CY74FCT162823T 2 Maximum Ratings[3, 4] (Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature .....................................−55°C to +125°C Ambient Temperature with Power Applied ..................................................−55°C to +125°C DC Input Voltage .................................................−0.5V to +7.0V DC Output Voltage ..............................................−0.5V to +7.0V DC Output Current (Maximum Sink Current/Pin) ...........................−60 to +120 mA Power Dissipation .......................................................... 1.0W Static Discharge Voltage............................................>2001V (per MIL-STD-883, Method 3015) Notes: 1. H = HIGH Voltage Level. L = LOW Voltage Level. X = Don’t Care. Z = HIGH Impedance. =LOW-to-HIGH transition. 2. Output level before indicated steady-state input conditions were established. 3. Operation beyond the limits set forth may impair the useful life of the device. Unless otherwise noted, these limits are over the operating free-air temperature range. 4. Unused inputs must always be connected to an appropriate logic voltage level, preferably either VCC or ground. Pin Description Name Description D Data Inputs CLK Clock Inputs CLKEN Clock Enable Inputs (Active LOW) CLR Asynchronous Clear Inputs (Active LOW) OE Output Enable Inputs (Active LOW) Q Three-State Outputs Function Table[1] Inputs Outputs OE CLR CLKEN CLK D Q Function H X X X X Z High Z L L X X X L Clear L H H X X Q[2] Hold H H L L Z Load H H L H Z L H L L L L H L H H Operating Range Range Ambient Temperature VCC Industrial −40°C to +85°C 5V ± 10% |
Numéro de pièce similaire - 74FCT16823CTPVCG4 |
|
Description similaire - 74FCT16823CTPVCG4 |