Moteur de recherche de fiches techniques de composants électroniques |
|
74FCT162H244ETPACT Fiches technique(PDF) 9 Page - Texas Instruments |
|
74FCT162H244ETPACT Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 15 page PACKAGE OPTION ADDENDUM www.ti.com 24-Apr-2015 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples CY74FCT162244ETPAC OBSOLETE TSSOP DGG 48 TBD Call TI Call TI -40 to 85 CY74FCT162244ETPVC OBSOLETE SSOP DL 48 TBD Call TI Call TI -40 to 85 CY74FCT162244TPACT ACTIVE TSSOP DGG 48 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162244 CY74FCT162244TPVC ACTIVE SSOP DL 48 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162244 CY74FCT162244TPVCT ACTIVE SSOP DL 48 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162244 CY74FCT16244ATPACT ACTIVE TSSOP DGG 48 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT16244A CY74FCT16244ATPVC ACTIVE SSOP DL 48 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT16244A CY74FCT16244CTPACT ACTIVE TSSOP DGG 48 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT16244C CY74FCT16244CTPVC ACTIVE SSOP DL 48 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT16244C CY74FCT16244ETPAC OBSOLETE TSSOP DGG 48 TBD Call TI Call TI -40 to 85 CY74FCT16244ETPACT OBSOLETE TSSOP DGG 48 TBD Call TI Call TI -40 to 85 CY74FCT16244ETPVC OBSOLETE SSOP DL 48 TBD Call TI Call TI -40 to 85 CY74FCT16244ETPVCT OBSOLETE SSOP DL 48 TBD Call TI Call TI -40 to 85 CY74FCT16244TPACT ACTIVE TSSOP DGG 48 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT16244 CY74FCT16244TPVC ACTIVE SSOP DL 48 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT16244 CY74FCT16244TPVCT ACTIVE SSOP DL 48 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT16244 FCT162H244CTPVCTG4 ACTIVE SSOP DL 48 TBD Call TI Call TI -40 to 85 (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. |
Numéro de pièce similaire - 74FCT162H244ETPACT |
|
Description similaire - 74FCT162H244ETPACT |