Moteur de recherche de fiches techniques de composants électroniques |
|
CD4052BQM96Q1 Fiches technique(PDF) 2 Page - Texas Instruments |
|
CD4052BQM96Q1 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 24 page CD4051B-Q1, CD4052B-Q1, CD4053B-Q1 CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS WITH LOGIC−LEVEL CONVERSION SCHS354A − AUGUST 2004 − REVISED JANUARY 2008 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) The CD4051B is a single eight-channel multiplexer that has three binary control inputs (A, B, and C) and an inhibit input. The three binary signals select one of eight channels to be turned on and connect one of the eight inputs to the output. The CD4052B is a differential four-channel multiplexer that has two binary control inputs (A and B) and an inhibit input. The two binary input signals select one of four pairs of channels to be turned on and connect the analog inputs to the outputs. The CD4053B is a triple two-channel multiplexer with three separate digital control inputs (A, B, and C) and an inhibit input. Each control input selects one of a pair of channels, which are connected in a single-pole, double-throw configuration. When these devices are used as demultiplexers, the CHANNEL IN/OUT terminals are the outputs, and the common (COM OUT/IN) terminals are the inputs. CD4053 M OR PW PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 IN/OUT by IN/OUT bx IN/OUT cy OUT/IN CX OR CY IN/OUT CX INH VEE VSS VDD OUT/IN bx or by OUT/IN ax or ay IN/OUT ay IN/OUT ax A B C CD4051 M OR PW PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 CHANNEL I/O 4 CHANNEL I/O 6 COM OUT/IN CHANNEL I/O 7 CHANNEL I/O 5 INH VEE VSS VDD CHANNEL I/O 2 CHANNEL I/O 1 CHANNEL I/O 0 CHANNEL I/O 3 A B C CD4052 M OR PW PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 Y CHANNEL I/O 0 Y CHANNEL I/O 2 COM Y OUT/IN Y CHANNEL I/O 3 Y CHANNEL I/O 1 INH VEE VSS VDD X CHANNEL I/O 2 X CHANNEL I/O 1 COM X OUT/IN X CHANNEL I/O 0 X CHANNEL I/O 3 A B |
Numéro de pièce similaire - CD4052BQM96Q1 |
|
Description similaire - CD4052BQM96Q1 |