Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4051BQM96Q1 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce CD4051BQM96Q1
Description  CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD4051BQM96Q1 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button CD4051BQM96Q1 Datasheet HTML 6Page - Texas Instruments CD4051BQM96Q1 Datasheet HTML 7Page - Texas Instruments CD4051BQM96Q1 Datasheet HTML 8Page - Texas Instruments CD4051BQM96Q1 Datasheet HTML 9Page - Texas Instruments CD4051BQM96Q1 Datasheet HTML 10Page - Texas Instruments CD4051BQM96Q1 Datasheet HTML 11Page - Texas Instruments CD4051BQM96Q1 Datasheet HTML 12Page - Texas Instruments CD4051BQM96Q1 Datasheet HTML 13Page - Texas Instruments CD4051BQM96Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
CD4051B-Q1, CD4052B-Q1, CD4053B-Q1
CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
WITH LOGIC−LEVEL CONVERSION
SCHS354A − AUGUST 2004 − REVISED JANUARY 2008
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
ON CHARACTERISTICS FOR
1-OF-8 CHANNELS (CD4051B)
Vis − Input Signal Voltage − V
−6
−4
−2
0
2
4
6
−6
−4
−2
0
2
4
6
VDD = 5 V
VSS = 0 V
VEE = −5 V
TA = 255C
RL = 100 kW, RL = 10 kW
1 k
W
500
W
100
W
Figure 6
f − Switching Frequency − kHz
DYNAMIC POWER DISSIPATION
vs
SWITCHING FREQUENCY (CD4051B)
10 5
10 4
10 3
10
10 2
10 2
10
10
3
10
4
10
5
1
Test Circuit
3
5
10
11
6
7
8
14
15
1
2
13
12
4
C L
CD4051
f
100
100
B/D
CD4029
AB C
9
Ι
TA = 255C
Alternating O
and I Pattern
CL = 50 pF
VDD = 10 V
VDD = 5 V
CL = 15 pF
VDD = 15 V
VDD
VDD
Figure 7
f − Switching Frequency − kHz
DYNAMIC POWER DISSIPATION
vs
SWITCHING FREQUENCY (CD4052B)
10
5
10
4
10
3
10
10
2
10
2
10
10 3
10
4
10
5
1
3
5
10
11
6
7
8
14
15
1
2
13
12
4
C L
CD4052
f
100
B/D
CD4029
AB
9
Ι
Test Circuit
TA = 255C
Alternating ÒOÓ
and ÒIÓ Pattern
CL = 50 pF
VDD = 10 V
VDD = 5 V
CL = 15 pF
VDD = 15 V
VDD
Figure 8
f − Switching Frequency − kHz
DYNAMIC POWER DISSIPATION
vs
SWITCHING FREQUENCY (CD4053B)
10 5
10 4
10 3
10
10 2
10 2
10
10
3
10
4
10
5
1
VDD = 15 V
VDD = 10 V
VDD = 5 V
CL = 15 pF
Ι
Test Circuit
VDD
9
3
5
10
11
6
7
8
14
15
1
2
13
12
4
CL
CD4053
f
100
W
100
W
TA = 255C
Alternating O
and I Pattern
CL = 50 pF


Numéro de pièce similaire - CD4051BQM96Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4051BQM96Q1 TI-CD4051BQM96Q1 Datasheet
396Kb / 18P
[Old version datasheet]   CMOS ALALOG MULTIPLEXERS/DEMULTIPLEXERS WITH LOGIC-LEVEL CONVERSION
More results

Description similaire - CD4051BQM96Q1

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CD4051BMS INTERSIL-CD4051BMS Datasheet
149Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
Texas Instruments
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4067B TI-CD4067B Datasheet
528Kb / 15P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
logo
Renesas Technology Corp
CD4051BMS RENESAS-CD4051BMS Datasheet
452Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers*
December 1992
logo
Intersil Corporation
CD4067BMS INTERSIL-CD4067BMS Datasheet
105Kb / 10P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com