Moteur de recherche de fiches techniques de composants électroniques |
|
CD4047BM Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
CD4047BM Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 21 page PACKAGE OPTION ADDENDUM www.ti.com 29-Mar-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 8102001CA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 8102001CA CD4047BF3A CD4047BD3 ACTIVE CDIP SB JD 14 1 TBD AU N / A for Pkg Type -55 to 125 CD4047BD/3 CD4047BE ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -55 to 125 CD4047BE CD4047BEE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -55 to 125 CD4047BE CD4047BF ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 CD4047BF CD4047BF3A ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 8102001CA CD4047BF3A CD4047BM ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4047BM CD4047BM96 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4047BM CD4047BM96G4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4047BM CD4047BMG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4047BM CD4047BMT ACTIVE SOIC D 14 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4047BM CD4047BNSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4047B CD4047BPW ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CM047B CD4047BPWR ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CM047B CD4047BPWRE4 ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CM047B CD4047BPWRG4 ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CM047B (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. |
Numéro de pièce similaire - CD4047BM |
|
Description similaire - CD4047BM |