Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT11827NT Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce 74ACT11827NT
Description  10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11827NT Fiches technique(HTML) 1 Page - Texas Instruments

  74ACT11827NT Datasheet HTML 1Page - Texas Instruments 74ACT11827NT Datasheet HTML 2Page - Texas Instruments 74ACT11827NT Datasheet HTML 3Page - Texas Instruments 74ACT11827NT Datasheet HTML 4Page - Texas Instruments 74ACT11827NT Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
54ACT11827, 74ACT11827
10BIT BUFFERS/BUS DRIVERS
WITH 3STATE OUTPUTS
SCAS078 − NOVEMBER 1989 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
Inputs Are TTL-Voltage Compatible
3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
Flow-Through Architecture to Optimize
PCB Layout
Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
500-mA Typical Latch-Up Immunity
at 125
°C
Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Ceramic 300-mil
DIPs
description
These 10-bit buffers/bus drivers provide high-
performance bus interface for wide data paths or
buses carrying parity.
The 3-state control gate is a 2-input NOR such that
if either G1 or G2 is high, all ten outputs are in the
high-impedance state.
The
′ACT11827 provides inverted data.
The 54ACT11827 is characterized for operation
over the full military temperature range of − 55
°C
to 125
°C. The 74ACT11827 is characterized for
operation from − 40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUT
G1
G2
A
OUTPUT
Y
L
L
H
H
L
LL
L
X
HX
Z
H
X
X
Z
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
EPIC is a trademark of Texas Instruments Incorporated.
32 1
13 14
5
6
7
8
9
10
11
A8
A9
A10
G2
Y10
Y9
Y8
A2
A1
G1
Y1
Y2
Y3
Y4
4
15 16 17 18
54ACT11827 . . . FK PACKAGE
(TOP VIEW)
28 27 26
25
24
23
22
21
20
19
12
54ACT11827 . . . JT PACKAGE
74ACT11827 . . . DW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Y1
Y2
Y3
Y4
Y5
GND
GND
GND
GND
Y6
Y7
Y8
Y9
Y10
G1
A1
A2
A3
A4
A5
VCC
VCC
A6
A7
A8
A9
A10
G2


Numéro de pièce similaire - 74ACT11827NT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ACT11827NT TI-74ACT11827NT Datasheet
87Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - 74ACT11827NT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
54ACT11828 TI-54ACT11828 Datasheet
78Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11827 TI-54ACT11827 Datasheet
87Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11828 TI1-54ACT11828_09 Datasheet
90Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
SN74ALS29827 TI-SN74ALS29827 Datasheet
80Kb / 5P
[Old version datasheet]   10-BIT BUFFERS AND BUS DRIVERS WITH 3-STATE OUTPUTS
SN74ALS29827 TI1-SN74ALS29827_15 Datasheet
215Kb / 9P
[Old version datasheet]   10-BIT BUFFERS AND BUS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT29827B TI-SN54BCT29827B Datasheet
251Kb / 9P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT827 TI1-SN54ABT827_16 Datasheet
896Kb / 17P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT827 TI-SN54ABT827 Datasheet
399Kb / 16P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2827 TI-SN54ABT2827 Datasheet
104Kb / 6P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74BCT29828B TI1-SN74BCT29828B Datasheet
78Kb / 4P
[Old version datasheet]   10-BIT BUFFERS /DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com