Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4015BPWR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD4015BPWR
Description  CMOS Dual 4-stage Static Shift Register
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD4015BPWR Fiches technique(HTML) 5 Page - Texas Instruments

  CD4015BPWR Datasheet HTML 1Page - Texas Instruments CD4015BPWR Datasheet HTML 2Page - Texas Instruments CD4015BPWR Datasheet HTML 3Page - Texas Instruments CD4015BPWR Datasheet HTML 4Page - Texas Instruments CD4015BPWR Datasheet HTML 5Page - Texas Instruments CD4015BPWR Datasheet HTML 6Page - Texas Instruments CD4015BPWR Datasheet HTML 7Page - Texas Instruments CD4015BPWR Datasheet HTML 8Page - Texas Instruments CD4015BPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Jun-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CD4015BE
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD4015BE
CD4015BEE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD4015BE
CD4015BF
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
CD4015BF
CD4015BF3A
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
CD4015BF3A
CD4015BM
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4015BM
CD4015BM96
ACTIVE
SOIC
D
16
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4015BM
CD4015BME4
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4015BM
CD4015BMT
ACTIVE
SOIC
D
16
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4015BM
CD4015BPW
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM015B
CD4015BPWR
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM015B
CD4015BPWRG4
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM015B
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.


Numéro de pièce similaire - CD4015BPWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4015BPWR TI-CD4015BPWR Datasheet
521Kb / 11P
[Old version datasheet]   CMOS Dual 4-Stage Static Shift Register
More results

Description similaire - CD4015BPWR

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
   CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
[Old version datasheet]   CMOS Dual 4-Stage Static Shift Register
logo
Unisonic Technologies
UCD4015 UTC-UCD4015_15 Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015 UTC-UCD4015 Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_15 Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
logo
KODENSHI_AUK CORP.
KK4015B KODENSHI-KK4015B Datasheet
311Kb / 6P
   Dual 4-Stage Static Shift Register
logo
System Logic Semiconduc...
SL4015B SLS-SL4015B Datasheet
39Kb / 5P
   Dual 4-Stage Static Shift Register
logo
Intersil Corporation
CD4517BMS INTERSIL-CD4517BMS Datasheet
116Kb / 9P
   CMOS Dual 64-Stage Static Shift Register
December 1992
logo
Texas Instruments
CD4517B TI-CD4517B Datasheet
245Kb / 6P
[Old version datasheet]   CMOS DUAL 64-STAGE STATIC SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com