Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS8910B Fiches technique(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADS8910B
Description  ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8910B Fiches technique(HTML) 36 Page - Texas Instruments

Back Button ADS8910B Datasheet HTML 32Page - Texas Instruments ADS8910B Datasheet HTML 33Page - Texas Instruments ADS8910B Datasheet HTML 34Page - Texas Instruments ADS8910B Datasheet HTML 35Page - Texas Instruments ADS8910B Datasheet HTML 36Page - Texas Instruments ADS8910B Datasheet HTML 37Page - Texas Instruments ADS8910B Datasheet HTML 38Page - Texas Instruments ADS8910B Datasheet HTML 39Page - Texas Instruments ADS8910B Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
SCLK
SDO-0
D21
D20
D1
D0
D21
D20
D20
D19
D1
D1
D0
D0
D21
0
CS
D2
D2
RVS
SCLK
D21
SDO-0
D21
D20
D1
D0
D20
D19
D0
D1
D0
D21
D20
D19
CS
D1
RVS
SCLK
SDO-0
0
D21
D20
D1
D0
D21
D20
D21
D20
D19
D0
D1
D0
CS
RVS
SCLK
SDO-0
D21
D20
D1
D0
D21
D20
D20
D19
D19
D1
D1
D0
D0
D21
CS
RVS
36
ADS8910B
ADS8912B
ADS8914B
SBAS707A – JUNE 2016 – REVISED JULY 2016
www.ti.com
Product Folder Links: ADS8910B ADS8912B ADS8914B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.5.4.2 Protocols for Reading From the Device
The protocols for the data-read operation can be broadly classified into three categories:
1. Legacy, SPI-compatible (SPI-xy-S) protocol
2. SPI-compatible protocols with bus width options (SPI-xy-D and SPI-xy-Q)
3. Source-synchronous (SRC) protocols
7.5.4.2.1
Legacy, SPI-Compatible (SYS-xy-S) Protocols
As shown in Table 5, the host controller can use any of the four legacy, SPI-compatible protocols (SPI-00-S, SPI-
01-S, SPI-10-S, or SPI-11-S) to read data from the device.
Table 5. SPI Protocols for Reading From the Device
PROTOCOL
SCLK
POLARITY
(At CS Falling
Edge)
SCLK PHASE
(Capture Edge)
MSB BIT
LAUNCH EDGE
SDI_CNTL
SDO_CNTL
NO. OF SCLK
(Optimal Read
Frame)
TIMING
DIAGRAM
SPI-00-S
Low
Rising
CS falling
00h
00h
18
Figure 51
SPI-01-S
Low
Falling
1st SCLK rising
01h
00h
18
Figure 52
SPI-10-S
High
Falling
CS falling
02h
00h
18
Figure 53
SPI-11-S
High
Rising
1st SCLK falling
03h
00h
18
Figure 54
At power-up or after coming out of any asynchronous reset, the device supports the SPI-00-S protocol for data-
read and data-write operations. To select a different SPI-compatible protocol for both the data transfer
operations:
1. Program the SDI_MODE[1:0] bits in the SDI_CNTL register. This first write operation must adhere to the SPI-
00-S protocol. Any subsequent data transfer frames must adhere to the newly selected protocol.
2. Set the SDO_MODE[1:0] bits = 00b in the SDO_CNTL register.
Figure 51 to Figure 54 explain the details of the four protocols using an optimal command frame to read all 22
bits of the output data word. Table 5 shows the number of SCLK required in an optimal read frame for the
different output protocol selections.
Figure 51. SPI-00-S Protocol, 22 SCLKs
Figure 52. SPI-01-S Protocol, 22 SCLKs
Figure 53. SPI-10-S Protocol, 22 SCLKs
Figure 54. SPI-11-S Protocol, 22 SCLKs


Numéro de pièce similaire - ADS8910B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADS8900B TI1-ADS8900B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8900BRGER TI1-ADS8900BRGER Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8900BRGET TI1-ADS8900BRGET Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8902B TI1-ADS8902B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8902BRGER TI1-ADS8902BRGER Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
More results

Description similaire - ADS8910B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADS8900B TI1-ADS8900B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8920B TI1-ADS8920B Datasheet
125Kb / 6P
[Old version datasheet]   ADS892xB 16-bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
logo
Linear Technology
LTC2387 LINER-LTC2387 Datasheet
665Kb / 8P
   18-/16-Bit, 15Msps/10Msps/5Msps, High Speed SAR ADCs
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
   CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
logo
Texas Instruments
ADS61B49 TI-ADS61B49_09 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B29 TI-ADS61B29 Datasheet
1Mb / 61P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
logo
Linear Technology
LTC2348 LINER-LTC2348 Datasheet
1Mb / 10P
   16-/18-Bit, Octal 200ksps SAR ADCs
logo
Texas Instruments
REF6025 TI1-REF6025 Datasheet
2Mb / 37P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6125 TI1-REF6125 Datasheet
2Mb / 36P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
logo
Microchip Technology
MCP3421 MICROCHIP-MCP3421_09 Datasheet
761Kb / 42P
   18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com