Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT11378N Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce 74ACT11378N
Description  HEX D-TYPE FLIP FLOP WITH ENABLE, POSITIVE EDGE TRIGGER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11378N Fiches technique(HTML) 1 Page - Texas Instruments

  74ACT11378N Datasheet HTML 1Page - Texas Instruments 74ACT11378N Datasheet HTML 2Page - Texas Instruments 74ACT11378N Datasheet HTML 3Page - Texas Instruments 74ACT11378N Datasheet HTML 4Page - Texas Instruments 74ACT11378N Datasheet HTML 5Page - Texas Instruments 74ACT11378N Datasheet HTML 6Page - Texas Instruments 74ACT11378N Datasheet HTML 7Page - Texas Instruments 74ACT11378N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74AC11378
HEX D-TYPE FLIP-FLOP
WITH CLOCK ENABLE
SCAS150 − APRIL 1991 − REVISED APRIL 1993
Copyright
1993, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Contains Six D-Type Flip-Flops
Clock Enable Latched to Avoid False
Clocking
Applications Include: Buffer/Storage
Registers, Shift Registers, Pattern
Generators
Flow-Through Architecture Optimizes PCB
Layout
Center-Pin V
CC and GND Pin Configurations
Minimize High-Speed Switching Noise
EPIC  (Enhanced-Performance Implanted
CMOS) 1-
µm Process
500-mA Typical Latch-Up Immunity at 125°C
Package Options Include Plastic
Small-Outline Packages, and Standard
Plastic 300-mil DIPs
description
These circuits are positive-edge-triggered D-type flip-flops with a clock-enable input. Information at the D inputs
meeting the setup time requirements is transferred to the Q outputs on the positive-going edge of the clock pulse
if the clock-enable input (CLKEN) is low.
Clock triggering occurs at a particular voltage level and is not directly related to the transition time of the
positive-going pulse. When the clock inputs are at either the high or low level, the data (D) input signal has no
effect at the output. The circuits are designed to prevent false clocking by transitions at the clock-enable
(CLKEN) input.
The 74AC11378 is characterized for operation from − 40
°C to 85°C.
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUT
CLKEN
CLK
D
OUTPUT
Q
H
X
X
QO
L
HH
L
LL
X
L
X
QO
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1Q
2Q
3Q
GND
GND
GND
GND
4Q
5Q
6Q
CLKEN
1D
2D
3D
VCC
VCC
4D
5D
6D
CLK
DW OR N PACKAGE
(TOP VIEW)


Numéro de pièce similaire - 74ACT11378N

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ACT11378N PHILIPS-74ACT11378N Datasheet
167Kb / 7P
   HEX D-TYPE FLIP FLOP WITH ENABLE, POSITIVE EDGE TRIGGER
October 17 1990
More results

Description similaire - 74ACT11378N

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AC11378 PHILIPS-74AC11378 Datasheet
167Kb / 7P
   HEX D-TYPE FLIP FLOP WITH ENABLE, POSITIVE EDGE TRIGGER
October 17 1990
logo
Integral Corp.
IN74LV174 INTEGRAL-IN74LV174 Datasheet
50Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
NXP Semiconductors
74HC174 PHILIPS-74HC174 Datasheet
101Kb / 13P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC174-Q100 NEXPERIA-74HC174-Q100 Datasheet
730Kb / 16P
   Hex D-type flip-flop with reset; positive-edge trigger
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
NXP Semiconductors
74LV174 PHILIPS-74LV174 Datasheet
121Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 May 20
logo
Nexperia B.V. All right...
74HCT174-Q100 NEXPERIA-74HCT174-Q100 Datasheet
252Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 26 February 2021
74HCT174 NEXPERIA-74HCT174 Datasheet
255Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 6 - 1 September 2021
logo
NXP Semiconductors
74AHC377 PHILIPS-74AHC377 Datasheet
101Kb / 20P
   Octal D-type flip-flop with data enable; positive-edge trigger
2000 Aug 15
logo
Nexperia B.V. All right...
74AHCT377 NEXPERIA-74AHCT377 Datasheet
601Kb / 16P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02 - 12 June 2008
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com