Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AC11352DR Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce 74AC11352DR
Description  DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11352DR Fiches technique(HTML) 5 Page - Texas Instruments

  74AC11352DR Datasheet HTML 1Page - Texas Instruments 74AC11352DR Datasheet HTML 2Page - Texas Instruments 74AC11352DR Datasheet HTML 3Page - Texas Instruments 74AC11352DR Datasheet HTML 4Page - Texas Instruments 74AC11352DR Datasheet HTML 5Page - Texas Instruments 74AC11352DR Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
74AC11352
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SCAS167 − DECEMBER 1991 − REVISED APRIL 1993
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A or B
Y
2.2
4.5
6.2
2.2
7.4
ns
tPHL
A or B
Y
2.5
5.3
7.5
2.5
8.9
ns
tPLH
Any C
Y
2
4.2
5.7
2
6.6
ns
tPHL
Any C
Y
2.5
5.1
6.8
2.5
7.9
ns
tPLH
OE
Y
1.7
3.6
5.1
1.7
5.5
ns
tPHL
OE
Y
2.2
4.5
5.9
2.2
7.2
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
30
pF
PARAMETER MEASUREMENT INFORMATION
tPHL
tPLH
50% VCC
VCC
0
50% VCC
50% VCC
VOH
VOL
Input
(see Note B)
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
From Output
Under Test
CL = 50 pF
(see Note A)
500
LOAD CIRCUIT
50% VCC
NOTES: A. CL includes probe and jig capacitance.
B. Input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
C. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Numéro de pièce similaire - 74AC11352DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74AC11353 TI-74AC11353 Datasheet
95Kb / 6P
[Old version datasheet]   DUAL 1 OR DATA SELECTOR/MULTIPLEXER
More results

Description similaire - 74AC11352DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ACT11352 TI1-74ACT11352 Datasheet
100Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LNE DATA SELECTOR/MULTIPLEXER
logo
Fairchild Semiconductor
DM74S153 FAIRCHILD-DM74S153 Datasheet
47Kb / 4P
   Dual 1-of-4 Line Data Selector/Multiplexer
DM74ALS153SJX FAIRCHILD-DM74ALS153SJX Datasheet
72Kb / 6P
   Dual 1-of-4 Line Data Selector/Multiplexer
DM74ALS153 FAIRCHILD-DM74ALS153 Datasheet
66Kb / 6P
   Dual 1-of-4 Line Data Selector/Multiplexer
logo
Texas Instruments
CD74AC151 TI1-CD74AC151_14 Datasheet
836Kb / 14P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74HC151-Q1 TI1-SN74HC151-Q1 Datasheet
177Kb / 9P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74HC253-EP TI1-SN74HC253-EP Datasheet
347Kb / 12P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74HC253-Q1 TI1-SN74HC253-Q1 Datasheet
197Kb / 11P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI-74AC11157 Datasheet
69Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com