Moteur de recherche de fiches techniques de composants électroniques |
|
LF05E2-W2F-827 Fiches technique(PDF) 2 Page - OSRAM GmbH |
|
LF05E2-W2F-827 Fiches technique(HTML) 2 Page - OSRAM GmbH |
2 / 6 page LINEARLIGHT FLEX ECO | LF05E2 | TECHNICAL DATASHEET Due to the special conditions of manufacturing processes of LED, the typical data of technical parameters can only reflect st atistical figures and do not necessarily correspond to the actual parameters of each single product which could differ from the typical data. Subject to change without notice. Errors and omissions excepted. Version: 2016-04-07 02 TECHNICAL OPERATING DATA FOR COMPLETE REEL Product Order Code Power [W] Current [A] Luminous Flux [lm] Module Length [m] LF05E2-W2F-824 4052899942790 30.0 1.3 2,200 10 LF05E2-W2F-827 4008321971357 36.0 1.5 2,050 10 LF05E2-W2F-830 4052899928435 36.0 1.5 2,200 10 LF05E2-W2F-840 4052899928442 36.0 1.5 2,400 10 LF05E2-W2F-865 4008321971418 36.0 1.5 2,200 10 LF05E2-W2F-824 4052899942790 30.0 1.3 2,200 10 Technical Specifications GENERAL Dimmable Pulse width modulation (PWM) Binning Fine white (3 step MacAdam ellipse) Lifetime 50,000 h (L70B50, Tc max) Adhesive tape on backside 3M F 9460 Complementary systems CONNECTsystem, SLIMCONNECTsystem, SLIM TRACK, OPTOTRONIC Certifications CE, UL8750 recognized, UL2108 listed, EAC, RoHS compliant OPERATING CONDITIONS Operating temperature at Tc-Point [°C] -20 – 75 Storage temperature [°C] -20 – 75 Voltage range [V dc] 23 – 25 Reverse Voltage [V dc] 25 ‒ Exceeding maximum ratings for operating and storage temperature will reduce expected life time or destroy the LED Module. ‒ Exceeding maximum ratings for operating voltage will cause hazardous overload and will likely destroy the LED Module. ‒ The temperature of the LED module must be measured at the Tc-point according to EN60598-1 in a thermally constant status with a temperature sensor or a temperature sensitive label. For exact location of the Tc -point see drawing below. Technical Drawings Tc |
Numéro de pièce similaire - LF05E2-W2F-827 |
|
Description similaire - LF05E2-W2F-827 |