Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC08B200 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADC08B200
Description  200 MSPS A/D Converter with Capture Buffer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08B200 Fiches technique(HTML) 3 Page - Texas Instruments

  ADC08B200 Datasheet HTML 1Page - Texas Instruments ADC08B200 Datasheet HTML 2Page - Texas Instruments ADC08B200 Datasheet HTML 3Page - Texas Instruments ADC08B200 Datasheet HTML 4Page - Texas Instruments ADC08B200 Datasheet HTML 5Page - Texas Instruments ADC08B200 Datasheet HTML 6Page - Texas Instruments ADC08B200 Datasheet HTML 7Page - Texas Instruments ADC08B200 Datasheet HTML 8Page - Texas Instruments ADC08B200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
VD
GND
GND
3
9
10
VA
GND
6
VA
ADC08B200
www.ti.com
SNAS388F – MARCH 2007 – REVISED APRIL 2013
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
6
VIN
Analog signal input. Conversion range is VRB to VRT.
Analog Input that is the high (top) side of the reference ladder
of the ADC. Voltage on VRT and VRB inputs define the VIN
3
VRT
conversion range. VRT should be more positive than VRB.
Bypass well.
Analog input that is the mid-point of the reference ladder. This
9
VRM
pin should be bypassed to a quiet point in the ground plane
with a 0.1 µF capacitor. DO NOT LOAD this pin.
Analog Input that is the low side (bottom) of the reference
10
VRB
ladder of the ADC. The voltages on VRT and VRB inputs define
the VIN conversion range. Bypass well.
Chip Power Down input. When this pin is high, the entire chip
13
PD
is in the Power Down mode. Any data in the capture buffer is
lost and the output pins hold the last byte that was output.
ADC Power Down Input. When this pin is high, the ADC is
41
PDADC
powered down. The capture buffer is active and the data
within it may be clocked out.
CMOS/TTL compatible digital clock Input. When the PLL is
bypassed, the clock signal at this pin is the ADC sampling
clock and VIN is sampled on the rising edge of this clock input.
46
CLK
When the PLL is enabled, the signal at this input is the
reference clock, which is multiplied to provide a higher
frequency sample clock.
Buffer Read Clock input. When the capture buffer is enabled,
this input signal is used to read the data from the internal
19
RCLK
buffer. The data output and the buffer empty flag (EF)
transition with the rise of this clock.
Write Enable input. A high level at this input causes a byte of
17
WEN
data to be written into the capture buffer with the rise of each
sample clock.
Read Enable input. A high level at this input causes a byte of
data to be read from the capture buffer with the rise of each
20
REN
RCLK input. This rise of the REN input should be synchronous
with the RCLK input and should not be high while the WEN
input is high.
Device Reset Input. A high level at this input resets all control
22
RESET
logic on the chip.
Output Enable input. A high level at this input enables the
37
OE
output buffers. A low level at this input puts the digital data
output pins into a high impedance state.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC08B200


Numéro de pièce similaire - ADC08B200

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC08B200 NSC-ADC08B200 Datasheet
596Kb / 30P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
ADC08B200 NSC-ADC08B200 Datasheet
657Kb / 32P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
ADC08B200CIVS NSC-ADC08B200CIVS Datasheet
596Kb / 30P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
ADC08B200CIVS NSC-ADC08B200CIVS Datasheet
657Kb / 32P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
ADC08B200EB NSC-ADC08B200EB Datasheet
596Kb / 30P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
More results

Description similaire - ADC08B200

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC08B200 NSC-ADC08B200_1 Datasheet
657Kb / 32P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
ADC08B200 NSC-ADC08B200 Datasheet
596Kb / 30P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
logo
Analog Devices
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
   8-Bit, 200 MSPS A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054A AD-AD9054A Datasheet
332Kb / 19P
   8-Bit, 200 MSPS A/D Converter
REV. B
AD9054A AD-AD9054A_15 Datasheet
331Kb / 20P
   8-Bit, 200 MSPS A/D Converter
REV. D
AD9732 AD-AD9732_15 Datasheet
148Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com