Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC108S052 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADC108S052
Description  8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC108S052 Fiches technique(HTML) 2 Page - Texas Instruments

  ADC108S052 Datasheet HTML 1Page - Texas Instruments ADC108S052 Datasheet HTML 2Page - Texas Instruments ADC108S052 Datasheet HTML 3Page - Texas Instruments ADC108S052 Datasheet HTML 4Page - Texas Instruments ADC108S052 Datasheet HTML 5Page - Texas Instruments ADC108S052 Datasheet HTML 6Page - Texas Instruments ADC108S052 Datasheet HTML 7Page - Texas Instruments ADC108S052 Datasheet HTML 8Page - Texas Instruments ADC108S052 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
IN0
IN7
MUX
T/H
ADC108S052
SCLK
VA
AGND
DGND
VD
CS
DIN
DOUT
CONTROL
LOGIC
10-BIT
SUCCESSIVE
APPROXIMATION
ADC
.
.
.
AGND
ADC108S052
SNAS337G – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
Block Diagram
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
4 - 11
IN0 to IN7
Analog inputs. These signals can range from 0V to VREF.
DIGITAL I/O
Digital clock input. The specified performance range of frequencies
16
SCLK
for this input is 3.2 MHz to 8 MHz. This clock directly controls the
conversion and readout processes.
Digital data output. The output samples are clocked out of this pin on
15
DOUT
the falling edges of the SCLK pin.
Digital data input. The ADC108S052's Control Register is loaded
14
DIN
through this pin on rising edges of the SCLK pin.
Chip select. On the falling edge of CS, a conversion process begins.
1
CS
Conversions continue as long as CS is held low.
POWER SUPPLY
Positive analog supply pin. This voltage is also used as the
reference voltage. This pin should be connected to a quiet +2.7V to
2
VA
+5.25V source and bypassed to GND with 1 µF and 0.1 µF
monolithic ceramic capacitors located within 1 cm of the power pin.
Positive digital supply pin. This pin should be connected to a +2.7V
13
VD
to VA supply, and bypassed to GND with a 0.1 µF monolithic ceramic
capacitor located within 1 cm of the power pin.
3
AGND
The ground return for the analog supply and signals.
12
DGND
The ground return for the digital supply and signals.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC108S052


Numéro de pièce similaire - ADC108S052

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
ADC108S052CIMT NSC-ADC108S052CIMT Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
ADC108S052CIMTX NSC-ADC108S052CIMTX Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
ADC108S052EVAL NSC-ADC108S052EVAL Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
More results

Description similaire - ADC108S052

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC102S051 TI1-ADC102S051_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com