Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F240 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce 74F240
Description  Octal Buffers/Line Drivers with TRI-STATE(RM) Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74F240 Fiches technique(HTML) 4 Page - Texas Instruments

  74F240 Datasheet HTML 1Page - Texas Instruments 74F240 Datasheet HTML 2Page - Texas Instruments 74F240 Datasheet HTML 3Page - Texas Instruments 74F240 Datasheet HTML 4Page - Texas Instruments 74F240 Datasheet HTML 5Page - Texas Instruments 74F240 Datasheet HTML 6Page - Texas Instruments 74F240 Datasheet HTML 7Page - Texas Instruments 74F240 Datasheet HTML 8Page - Texas Instruments 74F240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
OE1 OE2
TRI-STATE Output Enable Input (Active LOW)
101667
20 mA b1mA
OE2
TRI-STATE Output Enable Input (Active HIGH)
101667
20 mA b1mA
I0–I7
Inputs (’F240)
101667
20 mA b1mA
I0–I7
Inputs (’F241 ’F244)
102667
20 mA b16 mA
O0–O7 O0–O7
Outputs
6001066 (80)
b
12 mA64 mA (48 mA)
Worst-case ’F240 enabled ’F241 ’F244 disabled
Truth Tables
’F240
OE1
D1n
O1n
OE2
D2n
O2n
HX
Z
HX
Z
LH
L
LH
L
LL
H
LL
H
’F241
OE1
D1n
O1n
OE2
D2n
O2n
HX
Z
L
X
Z
LH
H
H
H
H
LL
L
H
L
L
’F244
OE1
D1n
O1n
OE2
D2n
O2n
HX
Z
HX
Z
LH
H
LH
H
LL
L
LL
L
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
Z e High Impedance
3


Numéro de pièce similaire - 74F240

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74F240 NSC-74F240 Datasheet
189Kb / 10P
   Octal Buffers/Line Drivers with TRI-STATE Outputs
logo
NXP Semiconductors
74F240 PHILIPS-74F240 Datasheet
103Kb / 12P
   Octal inverter buffer 3-State
1001 Jan 02
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240 Datasheet
66Kb / 7P
   Octal Buffers/Line Drivers with 3-STATE Outputs
74F240 FAIRCHILD-74F240 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
74F240 FAIRCHILD-74F240 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
More results

Description similaire - 74F240

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54F240DM NSC-54F240DM Datasheet
189Kb / 10P
   Octal Buffers/Line Drivers with TRI-STATE Outputs
54ACT240DMQB NSC-54ACT240DMQB Datasheet
18Kb / 6P
   Octal Buffers/Line Drivers With TRI-State Outputs
54ACQ244 NSC-54ACQ244 Datasheet
29Kb / 7P
   Octal Buffers/Line Drivers With TRI-State Outputs
MM54C240 NSC-MM54C240 Datasheet
142Kb / 6P
   Octal Buffers and Line Drivers with TRI-STATE Outputs
MM54C941 NSC-MM54C941 Datasheet
136Kb / 6P
   Octal Buffers/Line Receivers/ Line Drivers with TRI-STATE Outputs
54LS240 NSC-54LS240 Datasheet
102Kb / 3P
   Octal TRI-STATE Buffers/Line Drivers/Line Receivers
DM54LS240 NSC-DM54LS240 Datasheet
142Kb / 6P
   Octal TRI-STATE Buffers/Line Drivers/Line Receivers
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com