Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54ACT169 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce 54ACT169
Description  4-Stage Synchronous Bidirectional Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT169 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button 54ACT169 Datasheet HTML 3Page - Texas Instruments 54ACT169 Datasheet HTML 4Page - Texas Instruments 54ACT169 Datasheet HTML 5Page - Texas Instruments 54ACT169 Datasheet HTML 6Page - Texas Instruments 54ACT169 Datasheet HTML 7Page - Texas Instruments 54ACT169 Datasheet HTML 8Page - Texas Instruments 54ACT169 Datasheet HTML 9Page - Texas Instruments 54ACT169 Datasheet HTML 10Page - Texas Instruments 54ACT169 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
OBSOLETE
54AC169, 54ACT169
SNOS092B – JULY 1998 – REVISED APRIL 2013
www.ti.com
AC OPERATING REQUIREMENTS (continued)
54AC
VCC
TA = −55°C
Symbol
Parameter
(V)(1)
to +125°C
Units
Fig.
CL = 50 pF
No.
Specified Minimum
th
Hold Time, HIGH or LOW
3.3
0.5
ns
CET to CP
5.0
2.5
ts
Setup Time,
3.3
8.5
HIGH or LOW
5.0
6.5
ns
PE to CP
th
Hold Time, HIGH or LOW
3.3
0.5
ns
PE to CP
5.0
2.0
ts
Setup Time,
3.3
13.0
HIGH or LOW
5.0
9.0
ns
U/D to CP
th
Hold Time, HIGH or LOW
3.3
0.5
ns
U/D to CP
5.0
2.0
tw
CP Pulse Width,
3.3
5.0
ns
HIGH or LOW
5.0
5.0
AC ELECTRICAL CHARACTERISTICS
54ACT
VCC
TA = −55°C
Fig.
Symbol
Parameter
(V)(1)
to +125°C
Units
No.
CL = 50 pF
Min
Max
fmax
Maximum Clock
5.0
75
MHz
Frequency
tPLH
Propagation Delay
CP to Qn
5.0
1.5
12.5
ns
(PE HIGH or LOW)
tPHL
Propagation Delay
CP to Qn
5.0
1.5
12.5
ns
(PE HIGH or LOW)
tPLH
Propagation Delay
5.0
1.5
16.5
ns
CP to TC
tPHL
Propagation Delay
5.0
1.5
16.5
ns
CP to TC
tPLH
Propagation Delay
5.0
1.5
13.5
ns
CET to TC
tPHL
Propagation Delay
5.0
1.5
13.5
ns
CET to TC
tPLH
Propagation Delay
5.0
1.5
14.5
ns
U/D to TC
tPHL
Propagation Delay
5.0
1.5
14.5
ns
U/D to TC
(1)
Voltage Range 5.0 is 5.0V ±0.5V.
8
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: 54AC169 54ACT169


Numéro de pièce similaire - 54ACT169

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
54ACT16952 TI-54ACT16952 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
54ACT16952 TI-54ACT16952 Datasheet
345Kb / 12P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16952WD TI-54ACT16952WD Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
54ACT16952 TI-54ACT16952_08 Datasheet
345Kb / 12P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
National Semiconductor ...
54ACT169D NSC-54ACT169D Datasheet
183Kb / 10P
   4-Stage Synchronous Bidirectional Counter
More results

Description similaire - 54ACT169

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74F169 FAIRCHILD-74F169 Datasheet
89Kb / 8P
   4-Stage Synchronous Bidirectional Counter
logo
National Semiconductor ...
54F169DM NSC-54F169DM Datasheet
160Kb / 8P
   4-Stage Synchronous Bidirectional Counter
54AC169 NSC-54AC169 Datasheet
183Kb / 10P
   4-Stage Synchronous Bidirectional Counter
logo
Fairchild Semiconductor
74AC169 FAIRCHILD-74AC169 Datasheet
103Kb / 8P
   4-Stage Synchronous Bidirectional Counter
logo
NXP Semiconductors
74F569 PHILIPS-74F569 Datasheet
130Kb / 14P
   4-bit bidirectional binary synchronous counter 3-State
1996 Jan 05
logo
STMicroelectronics
M74HC40103 STMICROELECTRONICS-M74HC40103 Datasheet
662Kb / 16P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTER
logo
Micrel Semiconductor
SY100S336 MICREL-SY100S336 Datasheet
149Kb / 9P
   4-STAGE COUNTER/ SHIFT REGISTER
logo
National Semiconductor ...
F100136 NSC-F100136 Datasheet
234Kb / 10P
   4-Stage Counter/Shift Register
logo
Micrel Semiconductor
SY100S336 MICREL-SY100S336_06 Datasheet
126Kb / 10P
   4-STAGE COUNTER/SHIFT REGISTER
logo
ON Semiconductor
SN54-74LS390 ONSEMI-SN54-74LS390 Datasheet
71Kb / 5P
   DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com