Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54ACT258 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce 54ACT258
Description  Quad 2-Input Multiplexer with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT258 Fiches technique(HTML) 2 Page - Texas Instruments

  54ACT258 Datasheet HTML 1Page - Texas Instruments 54ACT258 Datasheet HTML 2Page - Texas Instruments 54ACT258 Datasheet HTML 3Page - Texas Instruments 54ACT258 Datasheet HTML 4Page - Texas Instruments 54ACT258 Datasheet HTML 5Page - Texas Instruments 54ACT258 Datasheet HTML 6Page - Texas Instruments 54ACT258 Datasheet HTML 7Page - Texas Instruments 54ACT258 Datasheet HTML 8Page - Texas Instruments 54ACT258 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
54AC258
54ACT258
Quad 2-Input Multiplexer with TRI-STATE® Outputs
General Description
The ’AC/’ACT258 is a quad 2-input multiplexer with
TRI-STATE outputs. Four bits of data from two sources can
be selected using a common data select input. The four out-
puts present the selected data in the complement (inverted)
form. The outputs may be switched to a high impedance
state with a HIGH on the common Output Enable (OE) input,
allowing the outputs to interface directly with bus-oriented
systems.
Features
n ICC and IOZ reduced by 50%
n Multiplexer expansion by tying outputs together
n Inverting TRI-STATE outputs
n Outputs source/sink 24 mA
n ’ACT258 has TTL-compatible inputs
n Standard Military Drawing (SMD)
— ’ACT258: 5962-88704
— ’AC258: 5962-91604
Logic Symbols
Pin Names
Description
S
Common Data Select Input
OE
TRI-STATE Output Enable Input
I
0a–I0d
Data Inputs from Source 0
I
1a–I1d
Data Inputs from Source 1
Z
a–Zd
TRI-STATE Inverting Data Outputs
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
DS100287-1
IEEE/IEC
DS100287-2
August 1998
© 1998 National Semiconductor Corporation
DS100287
www.national.com


Numéro de pièce similaire - 54ACT258

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54ACT258D NSC-54ACT258D Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54ACT258F NSC-54ACT258F Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54ACT258L NSC-54ACT258L Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
More results

Description similaire - 54ACT258

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
54AC257 TI1-54AC257 Datasheet
128Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F257ADM NSC-54F257ADM Datasheet
157Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54AC257 NSC-54AC257 Datasheet
120Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F258ADM NSC-54F258ADM Datasheet
159Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
Texas Instruments
54F258A TI1-54F258A Datasheet
409Kb / 10P
[Old version datasheet]   54F258A 74F258A Quad 2-Input Multiplexer with TRI-STATE(RM) Outputs
logo
National Semiconductor ...
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
39Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com