Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54AC241 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce 54AC241
Description  Octal Buffer/Line Driver with Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

54AC241 Fiches technique(HTML) 3 Page - Texas Instruments

  54AC241 Datasheet HTML 1Page - Texas Instruments 54AC241 Datasheet HTML 2Page - Texas Instruments 54AC241 Datasheet HTML 3Page - Texas Instruments 54AC241 Datasheet HTML 4Page - Texas Instruments 54AC241 Datasheet HTML 5Page - Texas Instruments 54AC241 Datasheet HTML 6Page - Texas Instruments 54AC241 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
OBSOLETE
54AC241, 54ACT241-N
www.ti.com
SNOS097B – AUGUST 1998 – REVISED APRIL 2013
DC CHARACTERISTICS FOR 'AC FAMILY DEVICES
54AC
Symbol
Parameter
VCC
TA =
Units
Conditions
(V)
−55°C to +125°C
Specified Limits
VIH
Minimum High Level
3.0
2.1
VOUT = 0.1V
Input Voltage
4.5
3.15
V
or VCC − 0.1V
5.5
3.85
VIL
Maximum Low Level
3.0
0.9
VOUT = 0.1V
Input Voltage
4.5
1.35
V
or VCC − 0.1V
5.5
1.65
VOH
Minimum High Level
3.0
2.9
IOUT = −50 μA
Output Voltage
4.5
4.4
V
5.5
5.4
See(1)
VIN = VIL or VIH
3.0
2.4
IOH = −12 mA
4.5
3.7
V
IOH = −24 mA
5.5
4.7
IOH = −24 mA
VOL
Maximum Low Level
3.0
0.1
IOUT = 50 μA
Output Voltage
4.5
0.1
V
5.5
0.1
See(1)
VIN = VIL or VIH
3.0
0.50
IOL = 12 mA
4.5
0.50
V
IOL = 24 mA
5.5
0.50
IOL = 24 mA
IIN
Maximum Input
5.5
±1.0
μA
VI = VCC, GND
Leakage Current
IOZ
Maximum TRI-STATE
VI (OE) = VIL, VIH
Leakage Current
5.5
±5.0
μA
VI = VCC, GND
VO = VCC, GND
IOLD
Minimum Dynamic
5.5
50
mA
VOLD = 1.65V Max
IOHD
Output Current(2)
5.5
−50
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
80.0
μA
VIN = VCC
Supply Current
or GND
(1)
All outputs loaded; thresholds on input associated with output under test.
(2)
Maximum test duration 2.0 ms, one output loaded at a time.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: 54AC241 54ACT241-N


Numéro de pièce similaire - 54AC241

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54AC241 NSC-54AC241 Datasheet
135Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Description similaire - 54AC241

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
National Semiconductor ...
54ABT241 NSC-54ABT241 Datasheet
119Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
logo
National Semiconductor ...
74VHC541 NSC-74VHC541 Datasheet
146Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
MV54ACTQ541-X NSC-MV54ACTQ541-X Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com