Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESCA-0303 Fiches technique(PDF) 3 Page - Astrodyne Corporation

No de pièce ESCA-0303
Description  30W Ultraminiature Encapsulated Switching Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ESCA-0303 Fiches technique(HTML) 3 Page - Astrodyne Corporation

  ESCA-0303 Datasheet HTML 1Page - Astrodyne Corporation ESCA-0303 Datasheet HTML 2Page - Astrodyne Corporation ESCA-0303 Datasheet HTML 3Page - Astrodyne Corporation ESCA-0303 Datasheet HTML 4Page - Astrodyne Corporation ESCA-0303 Datasheet HTML 5Page - Astrodyne Corporation ESCA-0303 Datasheet HTML 6Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
30W Ultraminiature Encapsulated Switching Power Supplies
ECA30 series
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
WWW.ASTRODYNETDI.COM
INPUT SPECIFICATIONS
Input Voltage, Nominal
90-264VAC
Nominal: 100-240VAC
Input Frequency
47-63 Hz, 50-60Hz Nom.
Inrush Current
30A @ 115VAC, typ
60A @ 230VAC, typ
Leakage current
<3.5mA @264Vac, 50Hz
OUTPUT SPECIFICATIONS
Output Voltage/Current
See Specific Model
Preset Accuracy
Single & Duals: ±1%
(±2 / ±5% -0308)
Triples: 1%, ±5%
Load Regulation
See Specific Model
Line Regulation
Single & Duals: ±1%, max.
Triples: 0.6%, ±0.2%
Temperature Coefficient
±0.03%/°C
Ripple/Noise(20Mhz BW)
See Specific Model
Overvoltage Protection
Clamp *
Hold Up Time at nom. Input
20mS, typ
Short Circuit Protection
Latching, Auto Recovery *
Current Limit
>110% Load, Auto-Recovery
GENERAL SPECIFICATIONS
Isolation
4242VDC Input-Output
Switching Frequency
65 Khz, fixed
Efficiency at nom. Input
See Specific Model
Safety UL/cUL:
UL60950-1 2nd ed./
C22.2 60950-1 2nd ed.
UL-EU:
EN60950-1 2nd ed.
CE:
EN55022: 2006
CB:
IEC60950-1 2nd ed.
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
0 to +50°C FL See Derate *
(Free-air Convection)
Relative Humidity
0-95%, Non-Condensing
Storage Temperature
-25 to +71°C *
EMC
EN55022, Class B
PHYSICAL SPECIFICATIONS
Case Material
Rynite, 94V-0 Rated
Construction
Encapsulated,
Size
PCB Mount
Single O/P: 3.5” x 2.5” x 0.98”
Multi O/P: 4.06” x 2.5” x 0.98”
Chassis Mount
Single O/P: 4.76” x 2.56” x 1.0”
Multi O/P: 5.34” x 2.56” x 1.0”
Weight
PCB / CHASSIS Mount
Singles
10.4 oz (295g) / 13.4 oz (380g)
Duals/Triples
12.0 oz (340g) / 15.2 oz (430g)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
DERATE CURVE
100
90
70
50
40
30
20
10
80
60
0
0
10
20
30
40
50
60
70
-10
Ambient Temp., DegC


Numéro de pièce similaire - ESCA-0303

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
ESCA-0100 ASTRODYNE-ESCA-0100 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0100 ASTRODYNE-ESCA-0100 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0101 ASTRODYNE-ESCA-0101 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0101 ASTRODYNE-ESCA-0101 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0102 ASTRODYNE-ESCA-0102 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
More results

Description similaire - ESCA-0303

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
MCA-30 ASTRODYNE-MCA-30 Datasheet
1Mb / 5P
   30W Ultraminiature Modular Switching Power Supplies
ECA-5 ASTRODYNE-ECA-5 Datasheet
744Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA5 ASTRODYNE-ECA5 Datasheet
652Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA-15 ASTRODYNE-ECA-15 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
EFM30 ASTRODYNE-EFM30 Datasheet
563Kb / 5P
   30W Ultraminiature Open Frame Switching Power Supplies
MCA-15 ASTRODYNE-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com