Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDDFN10-0506N Fiches technique(PDF) 2 Page - Bourns Electronic Solutions

No de pièce CDDFN10-0506N
Description  TVS/Steering Diode Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDDFN10-0506N Fiches technique(HTML) 2 Page - Bourns Electronic Solutions

  CDDFN10-0506N_15 Datasheet HTML 1Page - Bourns Electronic Solutions CDDFN10-0506N_15 Datasheet HTML 2Page - Bourns Electronic Solutions CDDFN10-0506N_15 Datasheet HTML 3Page - Bourns Electronic Solutions CDDFN10-0506N_15 Datasheet HTML 4Page - Bourns Electronic Solutions CDDFN10-0506N_15 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3312 - 2 mm SMD Trimming Potentiometer
-3
-6
-9
-12
-15
-18
-21
-24
-27
-30
0
1e+8
1e+9
Frequency (Hz)
4.1 GHz: -3 dB
VDD = 5 V
VDD = Floated
-60
-50
-40
-30
-20
-10
0
1e+8
1e+9
Frequency (Hz)
VDD = 5 V
VDD = Floated
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Input Voltage (V)
f = 1 MHz, T = 25 °C
VDD = Floated
VDD = 5 V
0
2
4
6
8
10
12
14
16
18
0
1
2
3
4
5
6
7
8
9
10 11
12
13 14
Voltage (V)
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Input Voltage (V)
f = 1 MHz, T = 25 °C
VDD = Floated
VDD = 5 V
V_pulse
100 ns
TLP_I
TLP_V
+
-
DUT
Pulse from a
transmission line
VDD to GND
I/O to GND
CDDFN10-0506N - TVS/Steering Diode Array
Performance Curves
Insertion Loss S21
Crosstalk Between I/Os
Channel Capacitance versus Voltage
Channel to Channel Capacitance versus Voltage
Typical V/I Characteristic
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in
different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Numéro de pièce similaire - CDDFN10-0506N_15

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CDDFN10-0506N BOURNS-CDDFN10-0506N_12 Datasheet
395Kb / 5P
   TVS/Steering Diode Array
More results

Description similaire - CDDFN10-0506N_15

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
SRDA70-4 MICROSEMI-SRDA70-4 Datasheet
271Kb / 2P
   STEERING DIODE TVS ARRAY
logo
Bourns Electronic Solut...
CDDFN10-3304N BOURNS-CDDFN10-3304N Datasheet
255Kb / 4P
   TVS/Steering Diode Array
CDDFN10-3304N BOURNS-CDDFN10-3304N_12 Datasheet
305Kb / 4P
   TVS/Steering Diode Array
CDSOT236-0504LC BOURNS-CDSOT236-0504LC_12 Datasheet
287Kb / 4P
   TVS/Steering Diode Array
CDDFN6-0504P BOURNS-CDDFN6-0504P Datasheet
269Kb / 4P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_12 Datasheet
395Kb / 5P
   TVS/Steering Diode Array
CDDFN-6-0504P BOURNS-CDDFN-6-0504P Datasheet
269Kb / 4P
   TVS/Steering Diode Array
CDDFN10-3304NA BOURNS-CDDFN10-3304NA Datasheet
485Kb / 5P
   TVS/Steering Diode Array
logo
Microsemi Corporation
MMAD1108 MICROSEMI-MMAD1108_05 Datasheet
81Kb / 2P
   Switching Diode Array Steering Diode TVS Array
MMAD1109 MICROSEMI-MMAD1109_05 Datasheet
105Kb / 2P
   Switching Diode Array Steering Diode TVS Array
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com