Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD143A-SR05LC Fiches technique(PDF) 4 Page - Bourns Electronic Solutions

No de pièce CD143A-SR05LC
Description  Steering/TVS Diode Array Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD143A-SR05LC Fiches technique(HTML) 4 Page - Bourns Electronic Solutions

  CD143A-SR05LC_15 Datasheet HTML 1Page - Bourns Electronic Solutions CD143A-SR05LC_15 Datasheet HTML 2Page - Bourns Electronic Solutions CD143A-SR05LC_15 Datasheet HTML 3Page - Bourns Electronic Solutions CD143A-SR05LC_15 Datasheet HTML 4Page - Bourns Electronic Solutions CD143A-SR05LC_15 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CD143A-SR05LC - Steering/TVS Diode Array Series
Application Information
The Model CD143A-SR05LC is designed to protect two data lines
against transient overvoltage events, as well as to limit the transient
voltage on the 5 V supply line of the protected device.
Pin 1 must be connected to the local Ground used by the protected
device and Pin 4 must be connected to the 5 V supply rail used by
the protected device, as shown in the figure below. Under no
circumstances should Pins 1 and 4 be left unconnected (floating).
To optimize the performance of the protection design, connections
to the CD143A-SR05LC should be as short as possible. This will
minimize the parasitic inductance of the printed circuit board traces.
An optional 0.1 µF bypass chip capacitor can be added from Pin 4
to Ground to enhance the ESD performance of the design when the
nearest bypass capacitor is a significant distance from the Model
CD143A-SR05LC.
1
23
4
GND
PROTECTED LINE #1
PROTECTED LINE #2
GND
OPTIONAL LOCAL
BYPASS CAPACITOR
VCC = 5 V
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Numéro de pièce similaire - CD143A-SR05LC_15

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CD143A-SR05LC BOURNS-CD143A-SR05LC Datasheet
241Kb / 4P
   Steering/TVS Diode Array Series
More results

Description similaire - CD143A-SR05LC_15

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CD143A-SR05LC BOURNS-CD143A-SR05LC Datasheet
241Kb / 4P
   Steering/TVS Diode Array Series
CD143A-SR05 BOURNS-CD143A-SR05_11 Datasheet
223Kb / 4P
   Steering/TVS Diode Array Series
CD143A-SR2.8 BOURNS-CD143A-SR2.8_11 Datasheet
238Kb / 4P
   Steering/TVS Diode Array Series
logo
Microsemi Corporation
SRDA70-4 MICROSEMI-SRDA70-4 Datasheet
271Kb / 2P
   STEERING DIODE TVS ARRAY
logo
Bourns Electronic Solut...
CDDFN10-3304N BOURNS-CDDFN10-3304N Datasheet
255Kb / 4P
   TVS/Steering Diode Array
CDDFN10-3304N BOURNS-CDDFN10-3304N_12 Datasheet
305Kb / 4P
   TVS/Steering Diode Array
CDSOT236-0504LC BOURNS-CDSOT236-0504LC_12 Datasheet
287Kb / 4P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_15 Datasheet
389Kb / 5P
   TVS/Steering Diode Array
CDDFN6-0504P BOURNS-CDDFN6-0504P Datasheet
269Kb / 4P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_12 Datasheet
395Kb / 5P
   TVS/Steering Diode Array
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com