Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U1ZB22 Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce U1ZB22
Description  CONSTANT VOLTAGE REGULATION TRANSIENT SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

U1ZB22 Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  U1ZB22 Datasheet HTML 1Page - Toshiba Semiconductor U1ZB22 Datasheet HTML 2Page - Toshiba Semiconductor U1ZB22 Datasheet HTML 3Page - Toshiba Semiconductor U1ZB22 Datasheet HTML 4Page - Toshiba Semiconductor U1ZB22 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
U1ZB6.8~U1ZB390
2001-07-11
1
TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
U1ZB6.8~U1ZB390
CONSTANT VOLTAGE REGULATION
TRANSIENT SUPPRESSORS
l Average Power Dissipation : P = 1.0 W
l Zener Voltage
: VZ = 6.8~390 V
l Surface Mounting Plastic Mold Package
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
P
1.0
W
Junction Temperature
Tj
−40~150
°C
Storage Temperature Range
Tstg
−40~150
°C
STANDARD SOLDERING PAD
MARK
Unit: mm
JEDEC
JEITA
TOSHIBA
3−4D1A
Weight: 0.06g


Numéro de pièce similaire - U1ZB22

FabricantNo de pièceFiches techniqueDescription
logo
Galaxy Semi-Conductor H...
U1ZB22 BILIN-U1ZB22 Datasheet
155Kb / 3P
   ZENER DIODES
U1ZB22 BILIN-U1ZB22 Datasheet
199Kb / 5P
   Surface mount zener diode
U1ZB220 BILIN-U1ZB220 Datasheet
155Kb / 3P
   ZENER DIODES
U1ZB220 BILIN-U1ZB220 Datasheet
199Kb / 5P
   Surface mount zener diode
U1ZB220-Y BILIN-U1ZB220-Y Datasheet
155Kb / 3P
   ZENER DIODES
More results

Description similaire - U1ZB22

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
CMZ12 TOSHIBA-CMZ12 Datasheet
174Kb / 5P
   Constant Voltage Regulation Transient Suppressors
2Z12 TOSHIBA-2Z12 Datasheet
135Kb / 2P
   DIODE (CONSTANT VOLTAGE REGULATION, TRANSIENT SUPPRESSORS)
U2Z12 TOSHIBA-U2Z12 Datasheet
97Kb / 3P
   CONSTANT VOLTAGE REGULATION INDUSTRIAL USE TRANSIENT SUPPRESSORS NOISE LIMITTER
logo
Shenzhen Taychipst Elec...
CMZ12 TAYCHIPST-CMZ12 Datasheet
1Mb / 2P
   Constant Voltage Regulator Transient Suppressors
1AZ270 TAYCHIPST-1AZ270 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
1Z62 TAYCHIPST-1Z62 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
logo
Toshiba Semiconductor
1ZB6 TOSHIBA-1ZB6 Datasheet
207Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12A TOSHIBA-1ZC12A Datasheet
150Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12 TOSHIBA-1ZC12 Datasheet
134Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
1Z390 TOSHIBA-1Z390 Datasheet
218Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com