Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM3808DK Fiches technique(PDF) 1 Page - Ramtron International Corporation

No de pièce FM3808DK
Description  256Kb Bytewide FRAM w/ Real-Time Clock
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3808DK Fiches technique(HTML) 1 Page - Ramtron International Corporation

  FM3808DK Datasheet HTML 1Page - Ramtron International Corporation FM3808DK Datasheet HTML 2Page - Ramtron International Corporation FM3808DK Datasheet HTML 3Page - Ramtron International Corporation FM3808DK Datasheet HTML 4Page - Ramtron International Corporation FM3808DK Datasheet HTML 5Page - Ramtron International Corporation FM3808DK Datasheet HTML 6Page - Ramtron International Corporation FM3808DK Datasheet HTML 7Page - Ramtron International Corporation FM3808DK Datasheet HTML 8Page - Ramtron International Corporation FM3808DK Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Preliminary
This is a product in sampling or pre-production phase of develop-
Ramtron International Corporation
ment. Characteristic data and other specifications are subject to
1850 Ramtron Drive, Colorado Springs, CO 80921
change without notice.
(800) 545-FRAM, (719) 481-7000, FAX (719) 481-7058
Rev 1.1
www.ramtron.com
May 2003
Page 1 of 28
FM3808
256Kb Bytewide FRAM w/ Real-Time Clock
Features
256K bit Ferroelectric Nonvolatile RAM
Organized as 32,752 x 8 bits
High Endurance 100 Billion (10
11) Read/Writes
10 year Data Retention
NoDelay™ Writes
70 ns Access Time/ 130 ns Cycle Time
Built-in Low VDD Protection
Real-Time Clock/Calendar Function
Clock Registers in Top 16 bytes of Address Space
Backup Power from External Capacitor or Battery
Tracks Seconds through Centuries in BCD Format
Tracks Leap Years through 2099
Runs from a 32.768 kHz Timekeeping Crystal
System Supervisor Function
Programmable Clock/Calendar Alarm
Programmable Watchdog Timer
Power Supply Monitor
Interrupt Output - Programmable active high/low
Control Settings Inherently Nonvolatile
Generates either Processor Reset or Interrupt
Low Power Operation
5V Operation for Memory and Clock Interface
Backup Voltage as low as 2.5V
25 mA IDD Active Current
1
µA I
BAK Clock Backup Current
Description
The FM3808 combines a 256Kb FRAM array with a
real-time clock and a system supervisor function. An
external 32.768 kHz crystal drives the timekeeping
function. It maintains time and date settings in the
absence of system power through the user’s choice of
backup power source – either a capacitor or a battery.
In either case data in the memory array does not
depend on the backup source, it remains nonvolatile
in FRAM. In addition to timekeeping, the FM3808
includes a system supervisor to manage low VDD
power conditions and a watchdog timer function. A
programmable interrupt output pin allows the user to
select the supervisor functions and the polarity of the
signal.
Both the FRAM array and the timekeeping function
are accessed through the memory interface. The
upper 16-address locations of the memory space are
allocated to the timekeeping registers rather than to
memory. The FRAM array provides data retention
for 10 years in the absence of system power, and is
not dependent on the backup power source for the
clock. This eliminates system concerns over data loss
in a traditional battery-backed RAM solution. In
addition, clock and supervisor control settings are
implemented in FRAM rather than battery-backed
RAM, making them more dependable. The FM3808
offers
guaranteed
operation
over
an
industrial
temperature range of -40°C to +85°C.
Pin Configuration
Ordering Information
FM3808-70-T
70 ns access, 32-pin TSOP
FM3808DK
DIP module development kit
Documentation for the DIP module development kit is
available separately.
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
DQ3
DQ4
DQ5
DQ6
DQ7
CE
A10
OE
A11
A9
A8
A13
WE
VBAK
X1
X2
INT
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17


Numéro de pièce similaire - FM3808DK

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM3808DK RAMTRON-FM3808DK Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
More results

Description similaire - FM3808DK

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM3808 RAMTRON-FM3808_06 Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com