Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESW566M035AE3 Fiches technique(PDF) 1 Page - Kemet Corporation

No de pièce ESW566M035AE3
Description  Single-Ended Aluminum Electrolytic Capacitors ESW Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESW566M035AE3 Fiches technique(HTML) 1 Page - Kemet Corporation

  ESW566M035AE3 Datasheet HTML 1Page - Kemet Corporation ESW566M035AE3 Datasheet HTML 2Page - Kemet Corporation ESW566M035AE3 Datasheet HTML 3Page - Kemet Corporation ESW566M035AE3 Datasheet HTML 4Page - Kemet Corporation ESW566M035AE3 Datasheet HTML 5Page - Kemet Corporation ESW566M035AE3 Datasheet HTML 6Page - Kemet Corporation ESW566M035AE3 Datasheet HTML 7Page - Kemet Corporation ESW566M035AE3 Datasheet HTML 8Page - Kemet Corporation ESW566M035AE3 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4009_ESW • 1/6/2016
One world. One KEMET
Benefits
• Suited for long life, high reliability applications
• Operating temperature of up to +105°C
• 3,000 – 6,000 hour operating life
• CasewithØD≥5mm
• Safety vent on the capacitor base
Overview
KEMET's ESW Series of single-ended aluminum electrolytic
capacitors are designed for long life (3,000 – 5,000 hours), high
reliability, low impedance and high frequency applications.
Applications
Typical applications include high frequency switch mode circuits.
Single-Ended Aluminum Electrolytic Capacitors
ESW Series, +105ºC
Part Number System
ESW
157
M
6R3
A
C3
AA
Series
Capacitance Code (pF)
Tolerance
Rated Voltage (VDC)
Electrical Parameters
Size Code
Packaging
Single-Ended
Aluminum
Electrolytic
First two digits represent
significantfiguresfor
capacitance values. Last digit
specifiesthenumberofzerosto
be added.
M = ±20%
6R3 = 6.3
010 = 10
016 = 16
025 = 25
035 = 35
050 = 50
063 = 63
100 = 100
A = Standard
See Dimension
Table
See Ordering
Options Table
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Numéro de pièce similaire - ESW566M035AE3

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
ESW KEMET-ESW Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Baumer IVO GmbH & Co. K...
ESW-05S IVO-ESW-05S Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ESW-05SP0200 IVO-ESW-05SP0200 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ESW-05SP0500 IVO-ESW-05SP0500 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ESW-08SH0200 IVO-ESW-08SH0200 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
More results

Description similaire - ESW566M035AE3

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
ESZ336M160AH4AA KEMET-ESZ336M160AH4AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ESL106M016AC3AA KEMET-ESL106M016AC3AA Datasheet
4Mb / 26P
   Single-Ended Aluminum Electrolytic Capacitors
ESU336M160AH8AA KEMET-ESU336M160AH8AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ETA157M6R3AC3AA KEMET-ETA157M6R3AC3AA Datasheet
4Mb / 21P
   Single-Ended Aluminum Electrolytic Capacitors
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41888 TDK-B41888 Datasheet
544Kb / 32P
   Aluminum electrolytic capacitors Single-ended capacitors
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
B43896 TDK-B43896 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B41851A7477M EPCOS-B41851A7477M Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
B43821F2336M EPCOS-B43821F2336M Datasheet
713Kb / 36P
   Aluminum electrolytic capacitors Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com