Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESW158M6R3AH4 Fiches technique(PDF) 9 Page - Kemet Corporation

No de pièce ESW158M6R3AH4
Description  Single-Ended Aluminum Electrolytic Capacitors ESW Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESW158M6R3AH4 Fiches technique(HTML) 9 Page - Kemet Corporation

Back Button ESW158M6R3AH4 Datasheet HTML 5Page - Kemet Corporation ESW158M6R3AH4 Datasheet HTML 6Page - Kemet Corporation ESW158M6R3AH4 Datasheet HTML 7Page - Kemet Corporation ESW158M6R3AH4 Datasheet HTML 8Page - Kemet Corporation ESW158M6R3AH4 Datasheet HTML 9Page - Kemet Corporation ESW158M6R3AH4 Datasheet HTML 10Page - Kemet Corporation ESW158M6R3AH4 Datasheet HTML 11Page - Kemet Corporation ESW158M6R3AH4 Datasheet HTML 12Page - Kemet Corporation ESW158M6R3AH4 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4009_ESW • 1/6/2016
Single-Ended Aluminum Electrolytic Capacitors – ESW Series, +105ºC
VDC
VDC
Surge
Voltage
Rated
Capacitance
120 Hz 20°C
(µF)
Case Size
D x L (mm)
DF
120 Hz 20°C
(tan δ %)1
Z
100 kHZ
20ºC (Ω)
RC
100 kHz
105°C (mA)
LC 20ºC
2 Minutes
(µA)
Part Number
50
63
120
8 x 15
10
0.120
730
60.0
ESW127M050AG4(1)
50
63
150
10 x 12.5
10
0.120
760
75.0
ESW157M050AH9(1)
50
63
180
8 x 20
10
0.091
910
90.0
ESW187M050AG6(1)
50
63
220
10 x 16
10
0.084
1050
110.0
ESW227M050AH8(1)
50
63
270
10 x 20
10
0.060
1220
135.0
ESW277M050AH4(1)
50
63
270
13 x 16
10
0.061
1260
135.0
ESW277M050AL2(1)
50
63
330
*10 x 20
10
0.058
1400
165.0
ESW337M050AH4(1)
50
63
330
10 x 25
10
0.055
1440
165.0
ESW337M050AH5(1)
50
63
470
10 x 30
10
0.043
1690
235.0
ESW477M050AH6(1)
50
63
470
13 x 20
10
0.045
1660
235.0
ESW477M050AL3(1)
50
63
470
16 x 16
10
0.055
1690
235.0
ESW477M050AM8(1)
50
63
560
13 x 25
10
0.034
1950
280.0
ESW567M050AL4(1)
50
63
560
18 x 16
10
0.054
1930
280.0
ESW567M050AN6(1)
50
63
680
13 x 30
10
0.030
2310
340.0
ESW687M050AL8(1)
50
63
820
13 x 35
10
0.025
2510
410.0
ESW827M050AL6(1)
50
63
820
16 x 20
10
0.034
2210
410.0
ESW827M050AM5(1)
50
63
1000
13 x 40
10
0.021
2920
500.0
ESW108M050AL7(1)
50
63
1000
16 x 25
10
0.025
2555
500.0
ESW108M050AM7(1)
50
63
1000
18 x 20
10
0.036
2490
500.0
ESW108M050AN4(1)
50
63
1200
16 x 32
10
0.022
3010
600.0
ESW128M050AM2(1)
50
63
1200
18 x 25
10
0.026
2740
600.0
ESW128M050AN5(1)
50
63
1500
16 x 36
10
0.019
3150
750.0
ESW158M050AM3(1)
50
63
1800
16 x 40
10
0.016
3710
900.0
ESW188M050AM4(1)
50
63
1800
18 x 32
10
0.021
3635
900.0
ESW188M050AN1(1)
50
63
2200
18 x 36
10
0.017
3680
1100.0
ESW228M050AN2(1)
63
79
15
5 x 11
9
2.300
55
9.0
ESW156M063AC3(1)
63
79
33
6.3 x 11
9
1.200
115
21.0
ESW336M063AE3(1)
63
79
56
8 x 12
9
0.630
232
30.0
ESW566M063AG9(1)
63
79
82
8 x 15
9
0.450
300
52.0
ESW826M063AG4(1)
63
79
82
10 x 12.5
9
0.430
288
52.0
ESW826M063AH9(1)
63
79
120
8 x 20
9
0.330
362
76.0
ESW127M063AG6(1)
63
79
120
10 x 16
9
0.310
357
76.0
ESW127M063AH8(1)
63
79
180
10 x 20
9
0.210
466
113.0
ESW187M063AH4(1)
63
79
180
13 x 16
9
0.230
466
113.0
ESW187M063AL2(1)
63
79
220
10 x 25
9
0.200
531
139.0
ESW227M063AH5(1)
63
79
270
10 x 30
9
0.150
663
170.0
ESW277M063AH6(1)
63
79
270
13 x 20
9
0.160
690
170.0
ESW277M063AL3(1)
63
79
270
16 x 16
9
0.140
795
170.0
ESW277M063AM8(1)
63
79
330
13 x 25
9
0.120
784
208.0
ESW337M063AL4(1)
63
79
390
18 x 16
9
0.120
920
246.0
ESW397M063AN6(1)
63
79
470
13 x 30
9
0.100
905
296.0
ESW477M063AL8(1)
63
79
470
16 x 20
9
0.091
1040
296.0
ESW477M063AM5(1)
63
79
560
13 x 35
9
0.093
1050
353.0
ESW567M063AL6(1)
63
79
560
16 x 25
9
0.073
1250
353.0
ESW567M063AM7(1)
63
79
680
13 x 40
9
0.071
1180
428.0
ESW687M063AL7(1)
63
79
680
18 x 20
9
0.080
1240
428.0
ESW687M063AN4(1)
63
79
820
16 x 32
9
0.054
1570
517.0
ESW827M063AM2(1)
63
79
820
18 x 25
9
0.057
1490
517.0
ESW827M063AN5(1)
63
79
1000
16 x 36
9
0.045
1790
630.0
ESW108M063AM3(1)
63
79
1000
18 x 32
9
0.047
1630
630.0
ESW108M063AN1(1)
63
79
1200
18 x 32
9
0.040
2020
756.0
ESW128M063AN1(1)
100
125
6.8
5 x 11
8
2.300
55
7.0
ESW685M100AC3(1)
100
125
15
6.3 x 11
8
1.200
115
15.0
ESW156M100AE3(1)
100
125
27
8 x 12
8
0.630
232
33.0
ESW276M100AG9(1)
100
125
39
8 x 15
8
0.450
300
39.0
ESW396M100AG4(1)
100
125
47
10 x 12.5
8
0.430
288
47.0
ESW476M100AH9(1)
VDC VDC Surge
Rated
Capacitance
Case Size
DF
Z
RC
LC
Part Number
Table 1 – Ratings & Part Number Reference cont'd
(1) Insert packaging code. See Ordering Options Table for available options.
1
When capacitance exceeds 1,000 µF, the DF value (%) is increased by 2% for every additional 1,000 µF.
* Dimension is down size, Endurance will be less 1,000 hours than standard.


Numéro de pièce similaire - ESW158M6R3AH4

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
ESW105-A ADVANTECH-ESW105-A Datasheet
180Kb / 2P
   5FE Slim-type Unmanaged Industrial Ethernet Switch with Low Vac Power Input
15-Aug-2019
logo
List of Unclassifed Man...
ESW105-ML ETC2-ESW105-ML Datasheet
465Kb / 3P
   Ultra Compact Industrial Ethernet Switches
logo
Kemet Corporation
ESW107M016AE3EA KEMET-ESW107M016AE3EA Datasheet
97Kb / 1P
   ESW, Aluminum Electrolytic, 105C LowZ, 100 uF, 20%, 16 V, -40/105C, Lead Spacing = 2.5mm
logo
Advantech Co., Ltd.
ESW108-A ADVANTECH-ESW108-A Datasheet
191Kb / 2P
   8FE Slim-type Unmanaged Industrial Ethernet Switch with Low Vac Power Input
15-Aug-2019
More results

Description similaire - ESW158M6R3AH4

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
ESZ336M160AH4AA KEMET-ESZ336M160AH4AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ESL106M016AC3AA KEMET-ESL106M016AC3AA Datasheet
4Mb / 26P
   Single-Ended Aluminum Electrolytic Capacitors
ESU336M160AH8AA KEMET-ESU336M160AH8AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ETA157M6R3AC3AA KEMET-ETA157M6R3AC3AA Datasheet
4Mb / 21P
   Single-Ended Aluminum Electrolytic Capacitors
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41888 TDK-B41888 Datasheet
544Kb / 32P
   Aluminum electrolytic capacitors Single-ended capacitors
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
B43896 TDK-B43896 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B41851A7477M EPCOS-B41851A7477M Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
B43821F2336M EPCOS-B43821F2336M Datasheet
713Kb / 36P
   Aluminum electrolytic capacitors Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com