Moteur de recherche de fiches techniques de composants électroniques |
|
ADC-8032A Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers |
|
ADC-8032A Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 52 page • ADC-8032A - The base model decoder includes Proc Amp, Line Delay, and Line Synchronizer timing modes. • ADC-8032A-S - The “S” model includes a Frame Synchronizer, along with all the features available on the ADC-8032A The ADC-8032A-S version comes with a fully functional frame synchronizer, capable of synchronizing incoming video to house reference. Various timing modes are available to accommodate most situations. New techniques in frame synchronization contribute to the board’s low power requirements and compact design. The complete circuit for the ADC-8032A, including a 12-bit A-D converter, decoder, frame (or line) synchronizer, serializer, TTL tracking delay pulse, and microprocessor is contained on a single DA-sized card. Additional daughter cards are not required. A rich set of features is instantly accessible using simple card-edge switches and controls in conjunction with a concise Heads-Up Display. The ADC-8032A’s 10-bit decoding process provides excellent performance with all types of picture sources. In order to achieve the highest level of precision, all signal processing and decoding is performed entirely in the digital domain. The decoder uses a very sophisticated 5-line comb filter with advanced adaptive control algorithms. To make configuration simple and easy, the ADC-8032A offers a Heads-Up Display mode for most board-level adjustments. This display is especially convenient during setup, and for programming several ADC-8032A cards with identical configurations. With the display enabled, the parameter currently being adjusted has its value super-imposed over all board outputs. As an alternative to the Heads-up Display, the board’s Comlink Terminal Display allows you to view all settings simultaneously on any PC running VT-100 terminal emulation. The only requirement is a connection between the PC’s serial port and the ADC-8032A’s Comlink connector. This feature is especially convenient for making adjustments while the card’s output is on air. The ADC-8032A and the ADC-8032A-S decoders are part of a full line of RossGear digital distribution products engineered to satisfy the highest quality broadcast standards and the most demanding requirements of your facility. Functional Block Diagram Input Filter & Clamp Input Filter & Clamp Input Filter & Clamp Input Filter & Clamp Input Filter & Clamp Input Filter & Clamp Input Filter & Clamp Input Filter & Clamp 5-Line Aperture Adaptive Decoder & TBC 12-Bit ADC Alternate Reference EDH Insertion & SDI Serializer Frame Synchronizer (-S Version) TTL Tracking Delay pulse Master Reference SDI OUT Ross Frame Reference IN Color Black Reference IN NTSC PAL PAL-M PAL-N Analog IN: Line Synchronizer Tracking OUT Figure 1. Simplified Block Diagram of ADC-8032A Functions 1-2 • Introduction ADC-8032A User Manual (Iss. 04) |
Numéro de pièce similaire - ADC-8032A |
|
Description similaire - ADC-8032A |