Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP100-C Fiches technique(PDF) 1 Page - Astrodyne Corporation

No de pièce TP100-C
Description  100W Triple Output with PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

TP100-C Fiches technique(HTML) 1 Page - Astrodyne Corporation

  TP100-C Datasheet HTML 1Page - Astrodyne Corporation TP100-C Datasheet HTML 2Page - Astrodyne Corporation TP100-C Datasheet HTML 3Page - Astrodyne Corporation TP100-C Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
100W Triple Output with PFC Function
TP100 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Built-in active PFC function, PF >0.94
Protections: Short circuit / Overload / Over voltage
Fixed switching frequency at 100KHz
Free air cooling convection
Model Number Output Volts Output Amps Ripple & Noise Load Reg
Volt Tolerance
Min Load
TRIPLE OUTPUT
TP100-A
5 Volts(DC)
10 Amps
100mVpk-pk
±3.0%
±3.0%
3.0~15Amps
12 Volts(DC)
4.0 Amps
120mVpk-pk
±6.0%
±7.0%
0.4~5.0Amps
-5 Volts(DC)
0.6 Amps
100mVpk-pk
±4.0%
±6.0%
0~1.0Amps
TP100-B
5 Volts(DC)
10 Amps
100mVpk-pk
±3.0%
±3.0%
3.0~15Amps
12 Volts(DC)
4.0 Amps
120mVpk-pk
±6.0%
±6.0%
0.4~5.0Amps
-12 Volts(DC)
0.6 Amps
100mVpk-pk
±4.0%
±6.0%
0~1.0Amps
TP100-C
5 Volts(DC)
10 Amps
100mVpk-pk
±3.0%
±3.0%
3.0~15Amps
15 Volts(DC)
3.0 Amps
150mVpk-pk
±6.0%
+10,-6%
0.4~4.0Amps
-15 Volts(DC)
0.6Amps
100mVpk-pk
±4.0%
±6.0%
0~1.0Amps
TP100-D
5 Volts(DC)
10 Amps
100mVpk-pk
±3.0%
±3.0%
3.0~15Amps
24 Volts(DC)
2.0 Amps
150mVpk-pk
±6.0%
±8.0%
0.4~3.0Amps
12 Volts(DC)
0.6 Amps
100mVpk-pk
±4.0%
±6.0%
0~1.0Amps


Numéro de pièce similaire - TP100-C

FabricantNo de pièceFiches techniqueDescription
logo
FENGJUI TECHNOLOGY CO.,...
TP100 FENGJUI-TP100 Datasheet
257Kb / 5P
   SMD POWER INDUCTOR-RoHS
logo
Toppower Electronic Tec...
TP100 TOPPOWER-TP100 Datasheet
743Kb / 3P
   100W~150W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
logo
Billiton Ltd.
TP1000 ASIC-TP1000 Datasheet
412Kb / 12P
   Constant flow source feedback controller
TP1000A ASIC-TP1000A Datasheet
412Kb / 12P
   Constant flow source feedback controller
TP1000D ASIC-TP1000D Datasheet
412Kb / 12P
   Constant flow source feedback controller
More results

Description similaire - TP100-C

FabricantNo de pièceFiches techniqueDescription
logo
Mean Well Enterprises C...
TP-100 MEANWELL-TP-100_10 Datasheet
331Kb / 2P
   100W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-100 RSG-TP-100 Datasheet
143Kb / 2P
   100W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-100 MEANWELL-TP-100 Datasheet
322Kb / 2P
   100W Triple Output with PFC Function
logo
Astrodyne Corporation
TP-100 ASTRODYNE-TP-100 Datasheet
350Kb / 2P
   100W Triple Output with PFC Function
logo
Mean Well Enterprises C...
EPP-100 MEANWELL-EPP-100 Datasheet
759Kb / 2P
   100W Single Output with PFC Function
logo
CUI INC
VPPQ-1003C CUI-VPPQ-1003C Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
SP-100 MEANWELL-SP-100 Datasheet
293Kb / 2P
   100W Single Output with PFC Function
LPP-100 MEANWELL-LPP-100_12 Datasheet
338Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
LPP-100-3.3 RSG-LPP-100-3.3 Datasheet
205Kb / 2P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
SP100DRL ASTRODYNE-SP100DRL Datasheet
425Kb / 5P
   100W Single Output with PFC Function
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com