Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5602MP5X Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FAN5602MP5X
Description  Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5602MP5X Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FAN5602MP5X Datasheet HTML 1Page - Fairchild Semiconductor FAN5602MP5X Datasheet HTML 2Page - Fairchild Semiconductor FAN5602MP5X Datasheet HTML 3Page - Fairchild Semiconductor FAN5602MP5X Datasheet HTML 4Page - Fairchild Semiconductor FAN5602MP5X Datasheet HTML 5Page - Fairchild Semiconductor FAN5602MP5X Datasheet HTML 6Page - Fairchild Semiconductor FAN5602MP5X Datasheet HTML 7Page - Fairchild Semiconductor FAN5602MP5X Datasheet HTML 8Page - Fairchild Semiconductor FAN5602MP5X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PRODUCT SPECIFICATION
FAN5602
REV. 1.1 10/7/04
5
Typical Performance Characteristics
TA = 25°C, VOUT = 4.5V unless otherwise noted.
150
100
150
200
250
300
350
4.0
4.2
4.1
4.3
4.4
4.5
4.6
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
4.30
4.35
4.40
4.45
4.50
4.55
0
10
20
30
40
50
60
70
80
12
34
56
Quiescent Current vs Input Voltage
Input Voltage (V)
Input Voltage (V)
Input Voltage
Load Currrent (mA)
Input Voltage (V)
Input Voltage (V)
Shutdown Current vs Input Voltage
Line Regulation
Efficiency vs Input Voltage
Load Regulation
Output Current Capability vs Input Voltage
0.0
100.0
200.0
300.0
400.0
500.0
600.0
700.0
2
2.5
3
3.5
4
4.5
5
∆VOUT < 10%
∆VOUT < 3%
20
30
40
50
60
70
80
90
100
2.500
3.500
3.000
4.500
5.500
4.000
5.000
Load Current = 10mA
Load Current = 50mA
Load Current = 100mA
Load Current = 150mA
0
20
40
60
80
100
120
140
160
180
1.5
2.5
3.5
4.5
5.5
ILOAD = 100mA
Vout = 4.5V
Vin = 3.6V


Numéro de pièce similaire - FAN5602MP5X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5602MP5X FAIRCHILD-FAN5602MP5X Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602MP5X FAIRCHILD-FAN5602MP5X Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602MP5X FAIRCHILD-FAN5602MP5X Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602MP5X ONSEMI-FAN5602MP5X Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
More results

Description similaire - FAN5602MP5X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
logo
Linear Technology
LTC3240-2.5 LINER-LTC3240-2.5_15 Datasheet
213Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
LTC3240 LINER-LTC3240 Datasheet
208Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com