Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5602MP5X Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FAN5602MP5X
Description  Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5602MP5X Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FAN5602MP5X Datasheet HTML 1Page - Fairchild Semiconductor FAN5602MP5X Datasheet HTML 2Page - Fairchild Semiconductor FAN5602MP5X Datasheet HTML 3Page - Fairchild Semiconductor FAN5602MP5X Datasheet HTML 4Page - Fairchild Semiconductor FAN5602MP5X Datasheet HTML 5Page - Fairchild Semiconductor FAN5602MP5X Datasheet HTML 6Page - Fairchild Semiconductor FAN5602MP5X Datasheet HTML 7Page - Fairchild Semiconductor FAN5602MP5X Datasheet HTML 8Page - Fairchild Semiconductor FAN5602MP5X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PRODUCT SPECIFICATION
FAN5602
REV. 1.1 10/7/04
3
Absolute Maximum Ratings (Note 1)
Recommended Operating Conditions
Notes:
1. Operation beyond the absolute maximum rating may cause permanent damage to device.
2. Using Mil Std. 883E, method 3015.7(Human Body Model) and EIA/JESD22C101-A (Charge Device Model).
3. Refer to “load Current Capability vs Input Voltage” in “Typical Performance Characteristics”.
Parameter
Min
Typ
Max
Unit
VIN,VOUT, ENABLE Voltage to GND
-0.3
6.0
V
Voltage at C1+, C1-, C2+, and C2- to GND
-0.3
VIN + 0.3
V
Power Dissipation
Internally
Limited
Lead Soldering Temperature (10 seconds)
300
°C
Junction Temperature
150
°C
Storage Temperature
-55
150
°C
Electrostatic Discharge (ESD) Protection (Note 2)
HBM
2
kV
CDM
2
Parameter
Conditions
Min
Typ
Max
Unit
Input Voltage
1.8
5.5
V
Load Current (Note 3)
VIN < 2V
30
mA
3.3V, VIN = 3.6V
200
mA
4.5 & 5.0V, VIN = 3.6V
100
mA
Ambient Temperature
-40
85
°C


Numéro de pièce similaire - FAN5602MP5X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5602MP5X FAIRCHILD-FAN5602MP5X Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602MP5X FAIRCHILD-FAN5602MP5X Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602MP5X FAIRCHILD-FAN5602MP5X Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602MP5X ONSEMI-FAN5602MP5X Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
More results

Description similaire - FAN5602MP5X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
logo
Linear Technology
LTC3240-2.5 LINER-LTC3240-2.5_15 Datasheet
213Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
LTC3240 LINER-LTC3240 Datasheet
208Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com