Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X0402MF Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce X0402MF
Description  4A SCRS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0402MF Fiches technique(HTML) 5 Page - STMicroelectronics

  X0402MF Datasheet HTML 1Page - STMicroelectronics X0402MF Datasheet HTML 2Page - STMicroelectronics X0402MF Datasheet HTML 3Page - STMicroelectronics X0402MF Datasheet HTML 4Page - STMicroelectronics X0402MF Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
X04 Series
5/5
Fig. 10:
On-state
characteristics (maximum
values).
PACKAGE MECHANICAL DATA
TO202-3 (Plastic)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
10.1
0.398
C
7.3
0.287
D10.5
0.413
F1.5
0.059
H0.51
0.020
J
1.5
0.059
M
4.5
0.177
N5.3
0.209
N1
2.54
0.100
O1.4
0.055
P0.7
0.028
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2000 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom
http://www.st.com


Numéro de pièce similaire - X0402MF

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
X0402MF STMICROELECTRONICS-X0402MF Datasheet
194Kb / 4P
   SENSITIVE GATE SCR
X0402MF STMICROELECTRONICS-X0402MF Datasheet
677Kb / 6P
   SENSITINE GATE SCR
logo
Inchange Semiconductor ...
X0402MF ISC-X0402MF Datasheet
123Kb / 1P
   Thyristors
logo
New Jersey Semi-Conduct...
X0402MF NJSEMI-X0402MF Datasheet
82Kb / 1P
   Highly sensitive triggering levels
More results

Description similaire - X0402MF

FabricantNo de pièceFiches techniqueDescription
logo
Tiger Electronic Co.,Lt...
X0402DE TGS-X0402DE Datasheet
80Kb / 1P
   4A SCRS
logo
STMicroelectronics
TS420 STMICROELECTRONICS-TS420 Datasheet
139Kb / 8P
   4A SCRs
logo
Kersemi Electronic Co.,...
TS420-600B KERSEMI-TS420-600B Datasheet
469Kb / 8P
   4A SCRs
logo
Zibo Seno Electronic En...
X0405 ZSELEC-X0405 Datasheet
264Kb / 4P
   4A SCRs
logo
JIEJIE MICROELECTRONICS...
JX04 JIEJIE-JX04 Datasheet
461Kb / 4P
   4A SENSITIVE SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
4PT06AI-S NELLSEMI-4PT06AI-S Datasheet
199Kb / 6P
   Sensitive gate SCRs, 4A
4PT NELLSEMI-4PT_14 Datasheet
475Kb / 7P
   Sensitive gate SCRs, 4A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com