Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R-78W5.0-0.5 Fiches technique(PDF) 2 Page - Recom International Power

No de pièce R-78W5.0-0.5
Description  0.5 AMP SIP3 Single Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECOM [Recom International Power]
Site Internet  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78W5.0-0.5 Fiches technique(HTML) 2 Page - Recom International Power

  R-78W5.0-0.5 Datasheet HTML 1Page - Recom International Power R-78W5.0-0.5 Datasheet HTML 2Page - Recom International Power R-78W5.0-0.5 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PROTECTIONS
Parameter
Type
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
PA-2
REV.: 0/2015
www.recom-international.com
DC/DC Converter
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating
-40°C to +85°C
Maximum Case Temperature
+100°C
Storage Temperature Range
-55°C to +125°C
Temperature Coefficient
-40°C to +85°C ambient
0.015%/°C
Thermal Impedance
surface of case
70°C/W typ.
Humidity
non-condensing
95%, RH max.
MTBF
9368 x 103 hours
-40
60
70
71
80
85
90
100
50
40
30
20
10
0
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Controlled IC
+V
IN
-V
IN
+V
OUT
-V
OUT
Derating Graph
Reverse Current Protection:
Specifications (measured at TA= 25°C, full load, nominal input voltage and after warm-up)
R-78W-0.5
Series
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
IEC General Safety
SPCLVD1407030-1
IEC-60950-1, 2nd Edition
EN General Safety
SPCLVD1407030-1
EN-60950-1, 3rd Edition
An internal blocking diode can prevent reverse current flow backwards into the output,
as this can damage the converter when it is powered down.


Numéro de pièce similaire - R-78W5.0-0.5

FabricantNo de pièceFiches techniqueDescription
logo
Recom International Pow...
R-78-0.5 RECOM-R-78-0.5 Datasheet
100Kb / 5P
   0.5 AMP SIP3 Single Output
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
More results

Description similaire - R-78W5.0-0.5

FabricantNo de pièceFiches techniqueDescription
logo
Recom International Pow...
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-78K-0.5 RECOM-R-78K-0.5 Datasheet
1Mb / 9P
   0.5 Amp SIP3 Single Output
REV.: 0/2023
R-78HB RECOM-R-78HB Datasheet
104Kb / 4P
   0.5 AMP SIP3 Single Output
R-78HB3.3-0.5 RECOM-R-78HB3.3-0.5 Datasheet
112Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5_07 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-78-0.5 RECOM-R-78-0.5 Datasheet
100Kb / 5P
   0.5 AMP SIP3 Single Output
R-78HB-W RECOM-R-78HB-W Datasheet
470Kb / 4P
   0.5 AMP SIP3 Wired Single Output
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com