Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R0.5D-0515 Fiches technique(PDF) 6 Page - Recom International Power

No de pièce R0.5D-0515
Description  0.5 Watt SMD Isolated Single or Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECOM [Recom International Power]
Site Internet  http://www.recom-international.com
Logo RECOM - Recom International Power

R0.5D-0515 Fiches technique(HTML) 6 Page - Recom International Power

  R0.5D-0515 Datasheet HTML 1Page - Recom International Power R0.5D-0515 Datasheet HTML 2Page - Recom International Power R0.5D-0515 Datasheet HTML 3Page - Recom International Power R0.5D-0515 Datasheet HTML 4Page - Recom International Power R0.5D-0515 Datasheet HTML 5Page - Recom International Power R0.5D-0515 Datasheet HTML 6Page - Recom International Power R0.5D-0515 Datasheet HTML 7Page - Recom International Power R0.5D-0515 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package Style and Pinning (mm)
15.24
6.70
7.00
2.54x4
6 PINS Dual SMD Package
10.70
11.10
RECOM
R0.5D-0505
1120
12
4
10
7
11.10
0.50
Footprint
2.54
1.20
1.80
12.00
5
12.75
6.70
7.00
2.54x3
5 PINS Single SMD Package
10.70
11.10
RECOM
R0.5S-0505
1120
12
4
8
5
11.10
0.50
Footprint
2.54
1.20
1.80
12.00
ECONOLINE
DC/DC-Converter
R0.5S_D
Series
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
4
-Vout
Com.
5
+Vout
–Vout
7
No Pin
+Vout
8
NC
No Pin
10
No Pin
NC
NC= No Connection
UNIT: mm
TOL.: ± 0.25 mm
REV: 0/2015
E-21
www.recom-power.com


Numéro de pièce similaire - R0.5D-0515

FabricantNo de pièceFiches techniqueDescription
logo
Recom International Pow...
R0.5S-D RECOM-R0.5S-D Datasheet
120Kb / 8P
   Approved for Medical Applications
R0.5Z RECOM-R0.5Z Datasheet
87Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.5Z-1205H RECOM-R0.5Z-1205H Datasheet
87Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.5Z-1205P RECOM-R0.5Z-1205P Datasheet
87Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.5Z-1212H RECOM-R0.5Z-1212H Datasheet
87Kb / 2P
   0.5 Watt SMD Isolated Single Output
More results

Description similaire - R0.5D-0515

FabricantNo de pièceFiches techniqueDescription
logo
Recom International Pow...
RZ-0505S RECOM-RZ-0505S_06 Datasheet
81Kb / 2P
   0.5 Watt SMD Isolated Single Output
RZ RECOM-RZ_10 Datasheet
95Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.5Z RECOM-R0.5Z Datasheet
87Kb / 2P
   0.5 Watt SMD Isolated Single Output
RZ-XX05S RECOM-RZ-XX05S Datasheet
74Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.5ZX RECOM-R0.5ZX Datasheet
388Kb / 5P
   0.5 Watt SMD Single Output
RP03-1233SB RECOM-RP03-1233SB Datasheet
104Kb / 4P
   3 Watt DIP24 & SMD, Single, Dual & Dual Isolated Output
RP03-053.3SE RECOM-RP03-053.3SE Datasheet
102Kb / 4P
   3 Watt DIP4 & SMD, Single & Dual Isolated Output
R1SE RECOM-R1SE_15 Datasheet
99Kb / 2P
   1 Watt SMD Isolated Single Output
R0.25S-E RECOM-R0.25S-E Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
logo
Power-One
CRD512 POWER-ONE-CRD512 Datasheet
45Kb / 2P
   DUAL OUTPUT, 0.5 WATT
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com