Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R0.5S-0515 Fiches technique(PDF) 2 Page - Recom International Power

No de pièce R0.5S-0515
Description  0.5 Watt SMD Isolated Single or Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECOM [Recom International Power]
Site Internet  http://www.recom-international.com
Logo RECOM - Recom International Power

R0.5S-0515 Fiches technique(HTML) 2 Page - Recom International Power

  R0.5S-0515 Datasheet HTML 1Page - Recom International Power R0.5S-0515 Datasheet HTML 2Page - Recom International Power R0.5S-0515 Datasheet HTML 3Page - Recom International Power R0.5S-0515 Datasheet HTML 4Page - Recom International Power R0.5S-0515 Datasheet HTML 5Page - Recom International Power R0.5S-0515 Datasheet HTML 6Page - Recom International Power R0.5S-0515 Datasheet HTML 7Page - Recom International Power R0.5S-0515 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ECONOLINE
DC/DC-Converter
R0.5S_D
Series
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Input Voltage Range
±10% max.
Voltage Set Accuracy
100% Load/nominal Vin
-1% typ. / ±5% max.
Line Regulation
Low Line to High Line @ max. Load
1.2% typ.
Load Regulation
5V output
6% typ. / 15% max.
(10% to 100% Load)
12/15V output
5%typ. / 10% max.
Ripple & Noise @ 20MHz BW
50 mVp-p typ. / 100mVp-p max.
Efficiency at Full Load
70% min.
Operating Temperature
-40°C to +100°C
Storage Temperature
-55°C to +125°C
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute***)
500VAC / 60Hz
Isolation Voltage
H-Suffix
(tested for 1 second)
3000VDC
H-Suffix
(rated for 1 minute***)
1500VAC / 60Hz
Isolation Capacitance
75pF max.
Isolation Resistance
Viso = 500V
10 G
Ω min.
Humidity
95% max.
Operating Frequency
Vin (nom.)
20kHz min. / 50 kHz typ. / 90 kHz max.
Short-Circuit Protection
1 Second
MTBF
Using MIL-HDBK 217F (+100°C)
1003 x 10³ hours
Using MIL-HDBK 217F (+25°C)
3962 x 10³ hours
Detailed Information see Application Notes chapter „MTBF“
Weight
Single Types
1.0 g
Dual Types
1.2 g
Certification
UL General Safety
Report: E358085
UL 60950-1 2nd Ed.
Typical Characteristics
+10%
+5%
-1%
50%
10%
100%
+Vout and -Vout load current (%)
+5% T
ypical load line
VNOM
-5%
Tolerance Envelopes
***Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer to our Application Notes.
Tolerance Envelope
Notes
Note1:
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1second without damage to the converter.
REV: 0/2015
E-17
www.recom-power.com


Numéro de pièce similaire - R0.5S-0515

FabricantNo de pièceFiches techniqueDescription
logo
Recom International Pow...
R0.5S-D RECOM-R0.5S-D Datasheet
120Kb / 8P
   Approved for Medical Applications
More results

Description similaire - R0.5S-0515

FabricantNo de pièceFiches techniqueDescription
logo
Recom International Pow...
RZ-0505S RECOM-RZ-0505S_06 Datasheet
81Kb / 2P
   0.5 Watt SMD Isolated Single Output
RZ RECOM-RZ_10 Datasheet
95Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.5Z RECOM-R0.5Z Datasheet
87Kb / 2P
   0.5 Watt SMD Isolated Single Output
RZ-XX05S RECOM-RZ-XX05S Datasheet
74Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.5ZX RECOM-R0.5ZX Datasheet
388Kb / 5P
   0.5 Watt SMD Single Output
RP03-1233SB RECOM-RP03-1233SB Datasheet
104Kb / 4P
   3 Watt DIP24 & SMD, Single, Dual & Dual Isolated Output
RP03-053.3SE RECOM-RP03-053.3SE Datasheet
102Kb / 4P
   3 Watt DIP4 & SMD, Single & Dual Isolated Output
R1SE RECOM-R1SE_15 Datasheet
99Kb / 2P
   1 Watt SMD Isolated Single Output
R0.25S-E RECOM-R0.25S-E Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
logo
Power-One
CRD512 POWER-ONE-CRD512 Datasheet
45Kb / 2P
   DUAL OUTPUT, 0.5 WATT
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com