Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX784C39 Fiches technique(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No de pièce BZX784C39
Description  ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BZX784C39 Fiches technique(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BZX784C39 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX784C39 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX784C39 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX784C39 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX784C39 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
2.Tested with pulses, period=5ms,pulse width =300
μs.
3.f = 1KHZ
.
Zener Voltage Range (Note 2)
Maximum Zener Impedance
(Note 3)
Maximum
Reverse
Current
Typical temperature
coefficient
@ IZT
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IR
VR
mV/°C
Type
Number
Type
Code
Nom(V)
Min(V)
Max(V)
(mA)
(Ω)
(mA)
(uA)
(V)
Min
Max
BZX
784C2V4
Z1
2.4
2.20
2.60
5
100
600
1.0
50
1.0
-3.5
0
BZX
784C2V7
Z2
2.7
2.5
2.9
5
100
600
1.0
20
1.0
-3.5
0
BZX
784C3V0
Z3
3.0
2.8
3.2
5
95
600
1.0
10
1.0
-3.5
0
BZX
784C3V3
Z4
3.3
3.1
3.5
5
95
600
1.0
5
1.0
-3.5
0
BZX
784C3V6
Z5
3.6
3.4
3.8
5
90
600
1.0
5
1.0
-3.5
0
BZX
784C3V9
Z6
3.9
3.7
4.1
5
90
600
1.0
3
1.0
-3.5
0
BZX
784C4V3
Z7
4.3
4.0
4.6
5
90
600
1.0
3
1.0
-3.5
0
BZX
784C4V7
X1
4.7
4.4
5.0
5
80
500
1.0
3
2.0
-3.5
0.2
BZX
784C5V1
X2
5.1
4.8
5.4
5
60
480
1.0
2
2.0
-2.7
1.2
BZX
784C5V6
X3
5.6
5.2
6.0
5
40
400
1.0
1
2.0
-2.0
2.5
BZX
784C6V2
X4
6.2
5.8
6.6
5
10
150
1.0
3
4.0
0.4
3.7
BZX
784C6V8
X5
6.8
6.4
7.2
5
15
80
1.0
2
4.0
1.2
4.5
BZX
784C7V5
X6
7.5
7.0
7.9
5
15
80
1.0
1
5.0
2.5
5.3
BZX
784C8V2
X7
8.2
7.7
8.7
5
15
80
1.0
0.7
5.0
3.2
6.2
BZX
784C9V1
X8
9.1
8.5
9.6
5
15
100
1.0
0.5
6.0
3.8
7.0
BZX
784C10
X9
10
9.4
10.6
5
20
150
1.0
0.2
7.0
4.5
8.0
BZX
784C11
W1
11
10.4
11.6
5
20
150
1.0
0.1
8.0
5.4
9.0
BZX
784C12
W2
12
11.4
12.7
5
25
150
1.0
0.1
8.0
6.0
10.0
BZX
784C13
W3
13
12.4
14.1
5
30
170
1.0
0.1
8.0
7.0
11.0
BZX
784C15
W4
15
13.8
15.6
5
30
200
1.0
0.1
10.5
9.2
13.0
BZX
784C16
W5
16
15.3
17.1
5
40
200
1.0
0.1
11.2
10.4
14.0
BZX
784C18
W6
18
16.8
19.1
5
45
225
1.0
0.1
12.6
12.4
16.0
BZX
784C20
W7
20
18.8
21.2
5
55
225
1.0
0.1
14.0
14.4
18.0
BZX
784C22
W8
22
20.8
23.3
5
55
250
1.0
0.1
15.4
16.4
20.0
BZX
784C24
W9
24
22.8
25.6
5
70
250
1.0
0.1
16.8
18.4
22.0
BZX
784C27
Y1
27
25.1
28.9
2
80
300
0.5
0.1
18.9
21.4
25.3
BZX
784C30
Y
2
30
28.0
32.0
2
80
300
0.5
0.1
21.0
24.4
29.4
BZX
784C33
Y
3
33
31.0
35.0
2
80
325
0.5
0.1
23.1
27.4
33.4
BZX
784C36
Y
4
36
34.0
38.0
2
90
350
0.5
0.1
25.2
30.4
37.4
BZX
784C39
Y
5
39
37.0
41.0
2
130
350
0.5
0.1
27.3
33.4
41.2
www.cj-elec.com
2
ELECTRICAL CHARACTERISTICS
T
a=25unless otherwise specified
D,Apr,2015


Numéro de pièce similaire - BZX784C39

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BZX784C39 PANJIT-BZX784C39 Datasheet
111Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
BZX784C39 PANJIT-BZX784C39 Datasheet
94Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SeCoS Halbleitertechnol...
BZX784C39 SECOS-BZX784C39 Datasheet
329Kb / 3P
   Surface Mount Zener Diodes
BZX784C39-C SECOS-BZX784C39-C Datasheet
329Kb / 3P
   Surface Mount Zener Diodes
More results

Description similaire - BZX784C39

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com