Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST-0840-BLT-STD Fiches technique(PDF) 1 Page - Bourns Electronic Solutions

No de pièce ST-0840-BLT-STD
Description  Sparctube Switching Spark Gap
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ST-0840-BLT-STD Fiches technique(HTML) 1 Page - Bourns Electronic Solutions

  ST-0840-BLT-STD Datasheet HTML 1Page - Bourns Electronic Solutions ST-0840-BLT-STD Datasheet HTML 2Page - Bourns Electronic Solutions ST-0840-BLT-STD Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Characteristics
Sparctube®SwitchingSparkGapST-0840Series
Initial Values:
Static Breakdown Voltage @ 800 V/s 1
First Ignition Values ..............................................................................................................< 950 V
Following Ignition Values......................................................................................................740 V to 940 V
Electrical Life:
Minimum Number of Switching Cycles.......................................................................................2x105
Peak Current ..............................................................................................................................Approx. 450 A
Maximum Switching Frequency..................................................................................................500 Hz
Breakdown Characteristics @ 1000 V Limit
First Ignition Values ..............................................................................................................≤1000V
Delay Time............................................................................................................................< 60 ms
Following Ignition Values......................................................................................................720 V to 960 V
General Data:
Breakdown Time.........................................................................................................................< 50 ns
Insulation Resistance @100 Vdc ...............................................................................................> 100 megohms
Maximum Static Breakdown Voltage @ 100 V/ms.....................................................................1300 V
Share of Early Ignition Values (< 720 V) ....................................................................................< 1 %
Residual Voltage @ 50 ns..........................................................................................................< 300 V
Capacitance................................................................................................................................< 1 pF
Operating Temperature Range 2................................................................................................-40 °C to +170 °C
Storage Temperature Range ......................................................................................................-65 °C to +125 °C
Weight ........................................................................................................................................Approx. 2.3 g
Testing ........................................................................................................................................100 %
Robustness of Terminations .......................................................................................................IEC 60068-2-21 3
Notes:
1 At delivery AQL 0.65 Level II, DIN ISO 2859.
2 Distribution of switchings: maximum 20 % above +125 °C and 20 % below +20°C.
3 Test Ua1 (tensile), Ua2 (thrust), Ub (bending) and Uc (torsion).
Description
Bourns® Sparctube®SwitchingSparkGapSeriesisarangeofswitchingsparkgapsdesignedspecificallyforvoltagecontrolled
switching of capacitive discharge circuits where a high energy, low loss, fast rate of switching is required. This series is ideally suited
for applications where a capacitive discharge is utilized with a transformer to obtain pulses of very high voltage levels in the order of
several thousand volts.
Features
n
Formerlyaproduct
n
Fastswitchingrate
n
Highenergy,lowlosscapability
n
Wideoperatingtemperaturerange
n
Longservicelife
n
Highinsulationresistance
n
RoHScompliant*
Applications
n
Ignitersforarchitecturalandautomotive
Xenondischargelamps
n
Electronicignitersforgasheatingandgas
domesticappliances,e.g.,cookers
n
Ignitionofultra-highpressuregas
dischargelampsfordataandvideo
projectors
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Basic Application Circuit
LOAD
C
R
Sparctube®
SwitchingSparkGapDevice
Asia-Pacific:
Tel: +886-2 2562-4117
Email: asiacus@bourns.com
Europe:
Tel: +36 88 520 390
Email: eurocus@bourns.com
The Americas:
Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com


Numéro de pièce similaire - ST-0840-BLT-STD

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
ST-0840-BLT-STD BOURNS-ST-0840-BLT-STD Datasheet
334Kb / 3P
   Sparctube Switching Spark Gap
More results

Description similaire - ST-0840-BLT-STD

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
ST-0600 BOURNS-ST-0600_16 Datasheet
361Kb / 3P
   Sparctube Switching Spark Gap
ST-0800 BOURNS-ST-0800_16 Datasheet
360Kb / 3P
   Sparctube Switching Spark Gap
ST-0620-BBB-STD BOURNS-ST-0620-BBB-STD Datasheet
329Kb / 3P
   Sparctube Switching Spark Gap
ST-1000-ABB-SG BOURNS-ST-1000-ABB-SG Datasheet
328Kb / 3P
   Sparctube Switching Spark Gap
ST-0350-BBB-STD BOURNS-ST-0350-BBB-STD_16 Datasheet
361Kb / 3P
   Sparctube Switching Spark Gap
ST-0600-BBB-STD BOURNS-ST-0600-BBB-STD Datasheet
329Kb / 3P
   Sparctube Switching Spark Gap
ST-0800-BBB-STD BOURNS-ST-0800-BBB-STD Datasheet
329Kb / 3P
   Sparctube Switching Spark Gap
ST-0400 BOURNS-ST-0400_16 Datasheet
355Kb / 3P
   Sparctube Switching Spark Gap
ST-0620 BOURNS-ST-0620_16 Datasheet
361Kb / 3P
   Sparctube Switching Spark Gap
ST-0750 BOURNS-ST-0750 Datasheet
361Kb / 3P
   Sparctube Switching Spark Gap
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com