Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN4040B-IS350 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FAN4040B-IS350
Description  Precision Micropower Shunt Voltage Reference
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4040B-IS350 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FAN4040B-IS350 Datasheet HTML 1Page - Fairchild Semiconductor FAN4040B-IS350 Datasheet HTML 2Page - Fairchild Semiconductor FAN4040B-IS350 Datasheet HTML 3Page - Fairchild Semiconductor FAN4040B-IS350 Datasheet HTML 4Page - Fairchild Semiconductor FAN4040B-IS350 Datasheet HTML 5Page - Fairchild Semiconductor FAN4040B-IS350 Datasheet HTML 6Page - Fairchild Semiconductor FAN4040B-IS350 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FAN4040
PRODUCT SPECIFICATION
2
REV. 1.0.5 1/29/03
Absolute Maximum Ratings1
Ratings are over full operating free-air temperature range unless otherwise noted.
Notes:
1. Functional operation under these conditions is not implied. Permanent damage may occur if the device is subjected to
conditions outside these ratings.
Recommended Operating Conditions
Dissipation Rating Table
Note:
1. It is recommended to connect pin 3 to pin 2 to ensure optimal thermal performance.
Equivalent Schematic
Parameter
Min.
Max.
Unit
Continuous cathode current, IK
-30
30
mA
Power dissipation
See Dissipation Rating Table
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10 sec.)
300
°C
Parameter
Min.
Max.
Unit
Continuous cathode current, IK
0.025
25
mA
Operating temperature range in free air, TA
I Grade
-40
85
°C
E Grade
-40
125
°C
Package
Power Rating
TA
≤ 25°C
Derating Factor
TA
≥ 25°C
Power Rating
TA = 70
°C
SOT231
306mW
3.0mW/°C
168mW
+
_
+
_


Numéro de pièce similaire - FAN4040B-IS350

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN4041 FAIRCHILD-FAN4041 Datasheet
31Kb / 6P
   Precision Micropower Shunt Voltage Reference
More results

Description similaire - FAN4040B-IS350

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com