Moteur de recherche de fiches techniques de composants électroniques |
|
DM5403 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
DM5403 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
1 / 4 page TLF6493 June 1989 DM5403DM7403 Quad 2-Input NAND Gates with Open-Collector Outputs General Description This device contains four independent gates each of which performs the logic NAND function The open-collector out- puts require external pull-up resistors for proper logical op- eration Pull-Up Resistor Equations RMAX e VCC (Min) b VOH N1 (IOH) a N2 (IIH) RMIN e VCC (Max) b VOL IOL b N3 (IIL) Where N1 (IOH) e total maximum output high current for all outputs tied to pull-up resistor N2 (IIH) e total maximum input high current for all inputs tied to pull-up resistor N3 (IIL) e total maximum input low current for all inputs tied to pull-up resistor Connection Diagram Dual-In-Line Package TLF6493 – 1 Order Number DM5403J or DM7403N See NS Package Number J14A or N14A Function Table Y e AB Inputs Output AB Y LL H LH H HL H HH L H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Numéro de pièce similaire - DM5403 |
|
Description similaire - DM5403 |