Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXYN120N65B3D1 Fiches technique(PDF) 3 Page - IXYS Corporation

No de pièce IXYN120N65B3D1
Description  International Standard Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYN120N65B3D1 Fiches technique(HTML) 3 Page - IXYS Corporation

  IXYN120N65B3D1 Datasheet HTML 1Page - IXYS Corporation IXYN120N65B3D1 Datasheet HTML 2Page - IXYS Corporation IXYN120N65B3D1 Datasheet HTML 3Page - IXYS Corporation IXYN120N65B3D1 Datasheet HTML 4Page - IXYS Corporation IXYN120N65B3D1 Datasheet HTML 5Page - IXYS Corporation IXYN120N65B3D1 Datasheet HTML 6Page - IXYS Corporation IXYN120N65B3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2016 IXYS CORPORATION, All Rights Reserved
IXYN120N65B3D1
Fig. 1. Output Characteristics @ TJ = 25ºC
0
40
80
120
160
200
240
00.511.522.5
3
3.5
VCE - Volts
VGE = 15V
13V
12V
10V
9V
7V
8V
11V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
50
100
150
200
250
300
350
0
2
4
6
8
10
12
14
VCE - Volts
VGE = 15V
10V
11V
8V
9V
7V
12V
Fig. 3. Output Characteristics @ TJ = 150ºC
0
40
80
120
160
200
240
00.5
11.5
2
2.5
33.5
4
VCE - Volts
VGE = 15V
13V
12V
11V
10V
8V
9V
7V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
VGE = 15V
I C = 120A
I C = 60A
I C = 240A
Fig. 5. Collector-to-Emitter Voltage vs.
Gate-to-Emitter Voltage
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
8
9
10
11
12
13
14
15
VGE - Volts
I C = 240A
TJ = 25ºC
120A
60A
Fig. 6. Input Admittance
0
20
40
60
80
100
120
140
160
180
200
45
6789
10
VGE - Volts
TJ = 150ºC
25ºC
- 40ºC


Numéro de pièce similaire - IXYN120N65B3D1

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXYN120N65C3D1 IXYS-IXYN120N65C3D1 Datasheet
226Kb / 7P
   International Standard Package
More results

Description similaire - IXYN120N65B3D1

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXYH75N65C3H1 IXYS-IXYH75N65C3H1 Datasheet
237Kb / 7P
   International Standard Package
IXYN150N60B3 IXYS-IXYN150N60B3 Datasheet
215Kb / 6P
   International Standard Package
IXYN100N65B3D1 IXYS-IXYN100N65B3D1 Datasheet
229Kb / 7P
   International Standard Package
logo
Micro Commercial Compon...
MT160C08T2 MCC-MT160C08T2 Datasheet
546Kb / 5P
   International standard package
logo
IXYS Corporation
IXYN75N65C3D1 IXYS-IXYN75N65C3D1 Datasheet
228Kb / 7P
   International Standard Package
IXYN100N65C3H1 IXYS-IXYN100N65C3H1 Datasheet
231Kb / 7P
   International Standard Package
logo
Micro Commercial Compon...
MT130CB08T2 MCC-MT130CB08T2 Datasheet
553Kb / 6P
   International standard package
logo
IXYS Corporation
IXYH75N65C3 IXYS-IXYH75N65C3 Datasheet
232Kb / 6P
   International Standard Package
IXYH75N65C3D1 IXYS-IXYH75N65C3D1 Datasheet
243Kb / 7P
   International Standard Package
IXYN120N65C3D1 IXYS-IXYN120N65C3D1 Datasheet
226Kb / 7P
   International Standard Package
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com