Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXYH40N65C3H1 Fiches technique(PDF) 5 Page - IXYS Corporation

No de pièce IXYH40N65C3H1
Description  Optimized for 20-60kHz Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYH40N65C3H1 Fiches technique(HTML) 5 Page - IXYS Corporation

  IXYH40N65C3H1 Datasheet HTML 1Page - IXYS Corporation IXYH40N65C3H1 Datasheet HTML 2Page - IXYS Corporation IXYH40N65C3H1 Datasheet HTML 3Page - IXYS Corporation IXYH40N65C3H1 Datasheet HTML 4Page - IXYS Corporation IXYH40N65C3H1 Datasheet HTML 5Page - IXYS Corporation IXYH40N65C3H1 Datasheet HTML 6Page - IXYS Corporation IXYH40N65C3H1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2014 IXYS CORPORATION, All Rights Reserved
IXYH40N65C3H1
Fig. 17. Inductive Turn-off Switching Times vs.
Collector Current
30
40
50
60
70
80
90
100
110
15
20
25
30
35
40
45
50
55
60
IC - Amperes
40
60
80
100
120
140
160
180
200
t f i
td(off) - - - -
RG = 10Ω , VGE = 15V
VCE = 400V
TJ = 150ºC
TJ = 25ºC
Fig. 18. Inductive Turn-off Switching Times vs.
Junction Temperature
40
45
50
55
60
65
70
75
80
85
90
25
50
75
100
125
150
TJ - Degrees Centigrade
60
70
80
90
100
110
120
130
140
150
160
t f i
td(off) - - - -
RG = 10Ω , VGE = 15V
VCE = 400V
I C = 30A
I C = 60A
Fig. 13. Inductive Switching Energy Loss vs.
Gate Resistance
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
15
20
25
30
35
40
45
50
55
RG - Ohms
0
1
2
3
4
5
6
7
Eoff
Eon - - - -
TJ = 150ºC , VGE = 15V
VCE = 400V
I C = 30A
I C = 60A
Fig. 16. Inductive Turn-off Switching Times vs.
Gate Resistance
50
55
60
65
70
75
80
85
90
10
15
20
25
30
35
40
45
50
55
RG - Ohms
80
120
160
200
240
280
320
360
400
t f i
td(off) - - - -
TJ = 150ºC, VGE = 15V
VCE = 400V
I C = 60A
I C = 30A
Fig. 14. Inductive Switching Energy Loss vs.
Collector Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
15
20
25
30
35
40
45
50
55
60
IC - Amperes
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Eoff
Eon - - - -
RG = 10Ω , VGE = 15V
VCE = 400V
TJ = 25ºC
TJ = 150ºC
Fig. 15. Inductive Switching Energy Loss vs.
Junction Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
25
50
75
100
125
150
TJ - Degrees Centigrade
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Eoff
Eon - - - -
RG = 10Ω , VGE = 15V
VCE = 400V
IC = 30A
I C = 60A


Numéro de pièce similaire - IXYH40N65C3H1

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXYH40N65C3 IXYS-IXYH40N65C3 Datasheet
170Kb / 6P
   Preliminary Technical Information
IXYH40N65C3D1 IXYS-IXYH40N65C3D1 Datasheet
196Kb / 7P
   Advance Technical Information
IXYH40N65C3D1 IXYS-IXYH40N65C3D1 Datasheet
196Kb / 7P
   Advance Technical Information
More results

Description similaire - IXYH40N65C3H1

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXYP10N65C3D1 IXYS-IXYP10N65C3D1 Datasheet
214Kb / 7P
   Optimized for 20-60kHz Switching
IXYP15N65C3 IXYS-IXYP15N65C3 Datasheet
188Kb / 6P
   Optimized for 20-60kHz Switching
IXYP20N65C3D1M IXYS-IXYP20N65C3D1M Datasheet
193Kb / 6P
   Optimized for 20-60kHz Switching
IXYT30N65C3H1HV IXYS-IXYT30N65C3H1HV Datasheet
266Kb / 6P
   Optimized for 20-60kHz Switching
IXYP10N65C3 IXYS-IXYP10N65C3 Datasheet
211Kb / 6P
   Optimized for 20-60kHz Switching
IXYP10N65C3D1M IXYS-IXYP10N65C3D1M Datasheet
194Kb / 6P
   Optimized for 20-60kHz Switching
IXYH100N65C3 IXYS-IXYH100N65C3 Datasheet
231Kb / 6P
   Optimized for 20-60kHz Switching
IXYP15N65C3D1M IXYS-IXYP15N65C3D1M Datasheet
193Kb / 6P
   Optimized for 20-60kHz Switching
IXYH50N65C3D1 IXYS-IXYH50N65C3D1 Datasheet
186Kb / 7P
   Optimized for 20-60kHz Switching
IXYH50N65C3H1 IXYS-IXYH50N65C3H1 Datasheet
249Kb / 8P
   Optimized for 20-60kHz Switching
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com