Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA26-600A Fiches technique(PDF) 1 Page - Inchange Semiconductor Company Limited

No de pièce BTA26-600A
Description  With TO-3P insulated package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BTA26-600A Fiches technique(HTML) 1 Page - Inchange Semiconductor Company Limited

  BTA26-600A Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc Triacs
BTA26-600A
FEATURES
·
With TO-3P insulated package
·
Suitables for general purpose where high surge current capability is required.
Application such as phase control
and
static switching on inductive or
resistive load.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(RMS)
RMS on-state current (full sine wave)Tj=90℃
25
A
ITSM
Non-repetitive peak on-state current tp=8.3ms
260
A
Tj
Operating junction temperature
125
Tstg
Storage temperature
-45~150
PG(AV)
Average gate power dissipation(Tj=125℃)
1
W
Rth(j-c)
Thermal resistance, junction to case
1.5
/W
Rth(j-a)
Thermal resistance, junction to ambient
50
/W
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,
VR=VRRM, Tj=125
0.01
6.0
mA
IDRM
Repetitive peak off-state current
VD=VDRM,
VD=VDRM, Tj=125
0.01
6.0
mA
IGT
Gate trigger current
VD=12V; RL= 33Ω
100
mA
100
100
150
IH
Holding current
IGT= 0.5A, Gate Open
100
mA
VGT
Gate trigger voltage all quadrant
VD=12V; RL= 33Ω
1.5
V
VTM
On-state voltage
IT= 35A; tp= 380μs
1.7
V


Numéro de pièce similaire - BTA26-600A

FabricantNo de pièceFiches techniqueDescription
logo
Sirectifier Semiconduct...
BTA26-600 SIRECTIFIER-BTA26-600 Datasheet
373Kb / 4P
   Discrete Triacs
logo
STMicroelectronics
BTA26-600B STMICROELECTRONICS-BTA26-600B Datasheet
137Kb / 12P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA26-600B TGS-BTA26-600B Datasheet
66Kb / 1P
   25A TRIACS
logo
Kersemi Electronic Co.,...
BTA26-600B KERSEMI-BTA26-600B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
logo
Inchange Semiconductor ...
BTA26-600B ISC-BTA26-600B Datasheet
113Kb / 1P
   With TO-3P insulated package
More results

Description similaire - BTA26-600A

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BTA26-600B ISC-BTA26-600B Datasheet
113Kb / 1P
   With TO-3P insulated package
BTA08-600A ISC-BTA08-600A Datasheet
116Kb / 1P
   With TO-220AB insulated package
BTA08-600TW ISC-BTA08-600TW Datasheet
107Kb / 1P
   With TO-220AB insulated package
BTA06-600C ISC-BTA06-600C Datasheet
116Kb / 1P
   With TO-220AB insulated package
BTA12-600BW ISC-BTA12-600BW Datasheet
107Kb / 1P
   With TO-220AB insulated package
BTA12-600CW ISC-BTA12-600CW Datasheet
107Kb / 1P
   With TO-220AB insulated package
BTA06-600A ISC-BTA06-600A Datasheet
116Kb / 1P
   With TO-220AB insulated package
BTA10-600B ISC-BTA10-600B Datasheet
107Kb / 1P
   With TO-220AB insulated package
BTA10-600C ISC-BTA10-600C Datasheet
107Kb / 1P
   With TO-220AB insulated package
BTA16-800B ISC-BTA16-800B Datasheet
107Kb / 1P
   With TO-220AB insulated package
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com