Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMP1340-079LF Fiches technique(PDF) 5 Page - Skyworks Solutions Inc.

No de pièce SMP1340-079LF
Description  Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1340-079LF Fiches technique(HTML) 5 Page - Skyworks Solutions Inc.

  SMP1340-079LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1340-079LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1340-079LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1340-079LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1340-079LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1340-079LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1340-079LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1340-079LF Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DATA SHEET • SMP1340 SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200051O • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 6, 2015
5
0.060 (1.50 mm) Min.
0.067 (1.70 mm) Max.
0.010
(0.25 mm) Min.
0.014
(0.35 mm) Max.
0.043 (1.10 mm) Min.
0.051 (1.30 mm) Max.
0.020
(0.50 mm) Min.
0.028
(0.70 mm) Max.
0.003
(0.07 mm) Min.
0.008
(0.20 mm) Max.
10° Max.
10° Max.
0.028
(0.70 mm) Min.
0.035
(0.90 mm) Max.
0.006 (0.15 mm) Min.
Polarity
Indicator Area
12
S1652
Dimensions are in inches (millimeters shown in parentheses)
Box
or
Bar
Figure 5. SC-79 Package Dimension Drawing
S2929
Notes:
1. Carrier tape: black conductive polycarbonate or polystyrene.
2. Cover tape material: transparent conductive PSA.
3. Cover tape size: 5.4 mm width.
4. ESD-surface resistivity is ≤1 x 108 Ohms/square per
EIA, JEDEC TNR Specification.
5. All measurements are in millimeters.
0.229 ± 0.02 (T)
A
B
Ø1.50± 0.10
Ø0.50± 0.05
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
0.80 ± 0.05 (Ko)
0.39 ± 0.05
0.90 ± 0.05 (Ao)
1.75 ± 0.10
2o Max
2° Max
A
B
B
A
Pin 1 Indicator
Figure 6. SC-79 Tape and Reel Dimensions


Numéro de pièce similaire - SMP1340-079LF

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SMP1340-079LF SKYWORKS-SMP1340-079LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Description similaire - SMP1340-079LF

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SMP1340 SKYWORKS-SMP1340 Datasheet
407Kb / 5P
   Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1340 ALPHA-SMP1340 Datasheet
34Kb / 3P
   Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1345 SKYWORKS-SMP1345 Datasheet
168Kb / 6P
   Very Low Capacitance Plastic Packaged Silicon PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com