Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK11C68-S25I Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce STK11C68-S25I
Description  8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

STK11C68-S25I Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  STK11C68-S25I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK11C68-S25I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK11C68-S25I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK11C68-S25I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK11C68-S25I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK11C68-S25I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK11C68-S25I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK11C68-S25I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK11C68-S25I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
June 1999
4-21
STK11C68
8K x 8 nvSRAM
QuantumTrap™ CMOS
Nonvolatile Static RAM
FEATURES
• 20ns, 25ns, 35ns and 45ns Access Times
• STORE to EEPROM Initiated by Software
• RECALL to SRAM Initiated by Software or
Power Restore
• 10mA Typical I
CC at 200ns Cycle Time
• Unlimited READ, WRITE and RECALL Cycles
• 1,000,000 STORE Cycles to EEPROM
• 100-Year Data Retention over Full Industrial
Temperature Range
• Commercial and Industrial Temperatures
• 28-Pin DIP and SOIC Packages
DESCRIPTION
The Simtek STK11C68 is a fast static RAM with a
nonvolatile, electrically erasable PROM element
incorporated in each static memory cell. The SRAM
can be read and written an unlimited number of
times, while independent nonvolatile data resides in
the EEPROM. Data transfers from the SRAM to the
EEPROM
(the STORE operation), or from EEPROM to
SRAM
(the RECALL operation), take place using a
software sequence. Transfers from the EEPROM to
the SRAM (the RECALL operation) also take place
automatically on restoration of power.
The STK11C68 is pin-compatible with industry-
standard SRAMs. MIL-STD-883 device is also
available (STK11C68-M).
BLOCK DIAGRAM
COLUMN I/O
COLUMN DEC
STATIC RAM
ARRAY
128 x 512
EEPROM ARRAY
128 x 512
STORE/
RECALL
CONTROL
STORE
RECALL
A5
A6
A9
A11
A12
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
SOFTWARE
DETECT
A0 -A12
G
E
W
A8
A7
A10
A3
A2
A0 A1
A4
PIN CONFIGURATIONS
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCC
NC
A8
A9
A11
G
W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
28 - 300 PDIP
28 - 300 CDIP
28 - 350 SOIC
PIN NAMES
A0 - A12
Address Inputs
W
Write Enable
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
VCC
Power (+ 5V)
VSS
Ground


Numéro de pièce similaire - STK11C68-S25I

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK11C68-SF25 SIMTEK-STK11C68-SF25 Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
logo
Cypress Semiconductor
STK11C68-SF25 CYPRESS-STK11C68-SF25 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
Simtek Corporation
STK11C68-SF25I SIMTEK-STK11C68-SF25I Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
logo
Cypress Semiconductor
STK11C68-SF25I CYPRESS-STK11C68-SF25I Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
Simtek Corporation
STK11C68-SF25ITR SIMTEK-STK11C68-SF25ITR Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
More results

Description similaire - STK11C68-S25I

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com